Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM5170APZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM5170APZ
Description  Octal, RS-232/RS-423 Line Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM5170APZ Datasheet(HTML) 3 Page - Analog Devices

  ADM5170APZ Datasheet HTML 1Page - Analog Devices ADM5170APZ Datasheet HTML 2Page - Analog Devices ADM5170APZ Datasheet HTML 3Page - Analog Devices ADM5170APZ Datasheet HTML 4Page - Analog Devices ADM5170APZ Datasheet HTML 5Page - Analog Devices ADM5170APZ Datasheet HTML 6Page - Analog Devices ADM5170APZ Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
REV.
–3–
ADM5170
ABSOLUTE MAXIMUM RATINGS*
(T
A= 25°C unless otherwise noted)
V
DD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +15 V
V
SS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –15 V
Input Voltages
V
IN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 to (V
DD + 0.3 V)
Ouput Voltages
V
OUT
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –12 V to +12 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . . Continuous
Power Dissipation PLCC . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
(Derate at 10 mW/
°C above +50°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . . . 80
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . . . +300
°C
Vapour Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADM5170 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
RS-232/RS-423
MODE SELECT
SLEW RATE
CONTROL
MS+
MS–
SRA
EN
VIN
RL
CL
Figure 1. Timing Test Circuit
90%
t
F
10%
90%
10%
t
R
VIN
VOUT
Figure 2. Rise/Fall Timing Waveforms
Figure 3. Enable/Disable Timing Waveforms
INPUT
EN
OUTPUT
VIN = 0V
t
HZ
0.5V
0.5V
t
LZ
t
ZL
t
ZH
90%
90%
1.5V
1.5V
OUTPUT
VIN = 5V
VOL
VOH
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com