Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM5170APZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM5170APZ
Description  Octal, RS-232/RS-423 Line Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM5170APZ Datasheet(HTML) 1 Page - Analog Devices

  ADM5170APZ Datasheet HTML 1Page - Analog Devices ADM5170APZ Datasheet HTML 2Page - Analog Devices ADM5170APZ Datasheet HTML 3Page - Analog Devices ADM5170APZ Datasheet HTML 4Page - Analog Devices ADM5170APZ Datasheet HTML 5Page - Analog Devices ADM5170APZ Datasheet HTML 6Page - Analog Devices ADM5170APZ Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ADM5170
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A
Tel:
781.329.4700
©1993–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
Octal, RS-232/RS-423 Line Driver
Truth Table
Inputs
Outputs
EN
Data
EIA RS-232E1
RS-423A
00
(V
DD – 3 V)
5 V to 6 V
01
(V
SS – 3 V)
–5 V to –6 V
1
X
High Z
High Z
1Minimum Output Level
FEATURES
Eight Single Ended Line Drivers in One Package
Meets EIA Standard RS-232E, RS-423A and
CCITT V.10/X.26
Resistor Programmable Slew Rate
Wide Supply Voltage Range
Low Power CMOS
3-State Outputs
TTL/CMOS Compatible Inputs
Output Short Circuit Protection
Available in 28-
Lead PLCC
Low Power Replacement for UC5170C
APPLICATIONS
High Speed Communication
Computer I-O Ports Peripherals
High Speed Modems
Printers
Logic Level Translation
FUNCTIONAL BLOCK DIAGRAM
A
B
C
D
E
F
G
H
AI
BI
CI
DI
EI
FI
GI
HI
RS-232/RS-423
MODE SELECT
AO
BO
CO
DO
EO
FO
GO
HO
ADM5170
SLEW RATE
CONTROL
EN
MS+
MS–
SRA
GENERAL DESCRIPTION
The ADM5170 is an octal line driver suitable for digital communi-
cation systems with data rates up to 116 kB/s. Input TTL or
CMOS signal levels are inverted and translated into either EIA
RS-232E or RS-423A signal levels depending on the status of the
Mode Select inputs MS+ and MS–. With both Mode Select inputs
at GND, RS-423 operation is selected while with MS+ connected
to V
DD and MS– connected to VSS, RS-232 operation is selected.
The output slew rates may be controlled using an external resistor
connected between the SRA (Slew Rate Adjust) pin and GND.
Resistor values between 2 k
Ω and 10 kΩ may be selected giving a
slew rate which can be adjusted from 10 V/
µs to 2.2 V/µs. This
adjustment of the slew rate allows tailoring of the output character-
istics to suit the interface cable being used.
The outputs may be disabled using the EN (Enable Input). This
feature permits sharing of a common output line.
The ADM5170 is fabricated on an advanced CMOS process
featuring low power consumption. In the disabled state the power
consumption reduces from 500 mW to 40 mW. The ADM5170 is
available in
a 28-
lead PLCC package.
REV.A
Document Feedback


Similar Part No. - ADM5170APZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM5170AP AD-ADM5170AP Datasheet
133Kb / 6P
Octal, RS-232/RS-423 Line Driver
REV.0
More results

Similar Description - ADM5170APZ

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM5170 AD-ADM5170 Datasheet
133Kb / 6P
Octal, RS-232/RS-423 Line Driver
REV.0
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
Octal, RS-232/RS-423 Line Receiver
REV.0
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488_06 Datasheet
558Kb / 17P
RS-232 quad line driver
17-Mar-2006
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180JPZ AD-ADM5180JPZ Datasheet
109Kb / 6P
Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5170 AD-ADM5170_15 Datasheet
142Kb / 6P
Octal, RS-232/RS-423 Line Driver
REV. 0
ADM5180 AD-ADM5180_15 Datasheet
109Kb / 6P
Octal, RS-232/RS-423 Line Receiver
REV. 0
logo
National Semiconductor ...
RS-232 NSC-RS-232 Datasheet
26Kb / 2P
RS-232 Line Driver Power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com