Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM5170APZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM5170APZ
Description  Octal, RS-232/RS-423 Line Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM5170APZ Datasheet(HTML) 5 Page - Analog Devices

  ADM5170APZ Datasheet HTML 1Page - Analog Devices ADM5170APZ Datasheet HTML 2Page - Analog Devices ADM5170APZ Datasheet HTML 3Page - Analog Devices ADM5170APZ Datasheet HTML 4Page - Analog Devices ADM5170APZ Datasheet HTML 5Page - Analog Devices ADM5170APZ Datasheet HTML 6Page - Analog Devices ADM5170APZ Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
–5–
Typical Performance Characteristics–ADM5170
Figure 8. Typical Rise/Fall Times (RS-423A Mode) vs.
R
SRA
Figure 5. Typical Slew Rate vs. R
SRA
5
0
10
3
1
2
2
0
4
8
6
4
ΩR
SRA – kΩ
t
r
t
f
12
0
10
6
2
2
4
0
10
8
8
6
4
ΩR
SRA – kΩ
t
r
t
f
10
90
100
0%
5V
A1
1
µs
20V
5V
Figure 9. Slew Rate (R
SRA = 10 kΩ)
Figure 6. Slew Rate (R
SRA = 2 kΩ)
VDD/VSS – V
15
7
15
9
8
10
9
11
10
12
13
14
14
13
12
11
ΩV
OL (RL= 3kΩ)
VOH/VOL (RL= ∞)
ΩV
OH (RL= 3kΩ)
Figure 10. V
OH/VOL vs. VDD/VSS (RS-423 Mode)
Figure 7. V
OH/VOL vs. VDD/VSS (RS-232 Mode)
V
DD/ VSS – V
5.6
5.1
15
5.4
5.2
10
5.3
9
5.5
14
13
12
11
ΩV
OH (RL= 450Ω)
∞V
OH (RL= ∞)
V
OL (RL= 450Ω)
∞V
OL (RL= ∞)
REV.
10
90
100
0%
5V
A1
1
µs
20V
5V
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com