Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM5170APZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM5170APZ
Description  Octal, RS-232/RS-423 Line Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM5170APZ Datasheet(HTML) 2 Page - Analog Devices

  ADM5170APZ Datasheet HTML 1Page - Analog Devices ADM5170APZ Datasheet HTML 2Page - Analog Devices ADM5170APZ Datasheet HTML 3Page - Analog Devices ADM5170APZ Datasheet HTML 4Page - Analog Devices ADM5170APZ Datasheet HTML 5Page - Analog Devices ADM5170APZ Datasheet HTML 6Page - Analog Devices ADM5170APZ Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
POWER REQUIREMENTS
V
DD Range
9
15
V
V
SS Range
–9
–15
V
I
DD (Disabled)
2
4
mA
EN = High,
I
DD (Enabled)
25
36
mA
R
L = ∞, EN = 0 V
I
SS (Disabled)
–2
–4
mA
EN = High
I
SS (Enabled)
–23
–36
mA
R
L = ∞, EN = 0 V
DIGITAL INPUTS
Input Logic Threshold High, V
INH
2.0
V
Input Logic Threshold Low, V
INL
0.8
V
Input Clamp Voltage, V
INK
–1.1
–1.8
V
I
IN = –15 mA
Input High Level Current, I
INH
1
µAV
INH = 2.4 V
Input Low Level Current, I
INL
–1
µAV
INL = 0.4 V
OUTPUTS
RS-423A Outputs
EN = 0.8 V, MS+ = MS– = 0 V
High Level Output Voltage
5.0
5.3
6.0
V
R
L = ∞, VIN = 0.8 V
5.0
5.3
6.0
V
R
L = 3 kΩ, VIN = 0.8 V
4.5
5.2
6.0
V
R
L = 450 Ω, VIN = 0.8 V
Low Level Output Voltage
–5.0
–5.3
–6.0
V
R
L = ∞, VIN = 2.0 V
–5.0
–5.6
–6.0
V
R
L = 3 kΩ, VIN = 2.0 V
–4.5
–5.4
–6.0
V
R
L = 450 Ω, VIN = 2.0 V
Output Balance, V
BAL
0.05
0.4
V
R
L = 450 Ω, VBAL = VOH– VOL
RS-232 Outputs
EN = 0.8 V, MS+ = V
DD, MS– = VSS
High Level Output Voltage
7.0
7.6
V
DD
VR
L = ∞, VIN = 0.8 V
7.0
7.6
V
DD
VR
L = 3 kΩ, VIN = 0.8 V
Low Level Output Voltage
–7.0
–7.7
V
SS
VR
L = ∞, VIN = 2.0 V
–7.0
–7.7
V
SS
VR
L = 3 kΩ, VIN = 2.0 V
Off-State Output Current, I
OZ
–100
100
µA
EN = 2.0 V, V
O = ± 6 V, VDD= 15 V, VSS = –15 V
Short Circuit Current, I
OS
15
50
100
mA
V
IN = 0 V, EN = 0 V
15
40
100
mA
V
IN = 5 V, EN = 0 V
Specifications subject to change without notice.
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Output Slew Rate
Fig 1, Fig 2. R
SRA = 2 kΩ, RL = 450 Ω, CL = 50 pF
6.65
10
14
V/
µs
Rising/Falling Edge, t
R, tF
Output Slew Rate
Fig 1, Fig 2. R
SRA = 10 kΩ, RL = 450 Ω, CL = 50 pF
1.33
2.0
3
V/
µs
Rising/Falling Edge, t
R , tF
Output to Hi-Z Propagation Delay (Disable)
Fig 1, Fig 3. R
SRA = 10 kΩ, RL = 450 Ω, CL = 50 pF
0.3
1.0
µst
HZ
0.5
1.0
µst
LZ
Hi-Z to Valid Output Propagation Delay (Enable)
Fig 1, Fig 3. R
SRA = 10 kΩ, RL = 450Ω, CL = 50 pF
6.0
15
µst
ZH
7.0
15
µst
ZL
REV.
ADM5170–SPECIFICATIONS
–2–
TIMING CHARACTERISTICS
( V
DD = +10 V
± 10%, V
SS = –10 V
± 10%, MS+ = MS– = 0 V. All Specifications T
MIN to TMAX
unless otherwise noted.)
( V
DD = +10 V ± 10%, VSS = –10 V ± 10% V, MS+ = MS– = 0 V, RSRA =
10 k
Ω. All Specifications T
MIN to TMAX unless otherwise noted.)
Specifications subject to change without notice.
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com