Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 26Page - Analog Devices ADE7933 Datasheet HTML 27Page - Analog Devices ADE7933 Datasheet HTML 28Page - Analog Devices ADE7933 Datasheet HTML 29Page - Analog Devices ADE7933 Datasheet HTML 30Page - Analog Devices ADE7933 Datasheet HTML 31Page - Analog Devices ADE7933 Datasheet HTML 32Page - Analog Devices ADE7933 Datasheet HTML 33Page - Analog Devices ADE7933 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 30 of 125
CUMULATIVE HISTOGRAMS OF ADC GAIN TEMPERATURE COEFFICIENTS
100
0
10
20
30
40
50
60
70
80
90
TEMPERATURE COEFFICIENT (ppm/°C)
–46 –38 –30 –22 –14
–6
2
10
18
26
34
42
50
Figure 36. Cumulative Histogram of the ADE7932/ADE7933/ADE7923 Current
Channel ADC Gain Temperature Coefficient for Temperatures Between −40°C and
+25°C
100
0
10
20
30
40
50
60
70
80
90
TEMPERATURE COEFFICIENT (ppm/°C)
–56 –48 –40 –32 –24 –16
–8
0
8
16
24
32
40
Figure 37. Cumulative Histogram of the ADE7932/ADE7933/ADE7923 Current
Channel ADC Gain Temperature Coefficient for Temperatures Between +25°C and
+85°C
100
0
10
20
30
40
50
60
70
80
90
TEMPERATURE COEFFICIENT (ppm/°C)
–26
–22
–18
–14
–10
–6
–2
2
Figure 38. Cumulative Histogram of the ADE7932/ADE7933/ADE7923 Voltage
Channel V1 ADC Gain Temperature Coefficient for Temperatures Between −40°C
and +25°C
100
0
10
20
30
40
50
60
70
80
90
TEMPERATURE COEFFICIENT (ppm/°C)
–28 –26 –24 –22 –20 –18 –16 –14 –12 –10 –8 –6 –4 –2
0
2
4
6
8
10
Figure 39. Cumulative Histogram of the ADE7932/ADE7933/ADE7923 Voltage
Channel V1 ADC Gain Temperature Coefficient for Temperatures Between +25°C
and +85°C
100
0
10
20
30
40
50
60
70
80
90
TEMPERATURE COEFFICIENT (ppm/°C)
–26 –24 –22 –20 –18 –16 –14 –12 –10 –8 –6 –4 –2
0
2
4
6
Figure 40. Cumulative Histogram of the ADE7933/ADE7923 Voltage Channel V2
ADC Gain Temperature Coefficient for Temperatures Between −40°C and +25°C
100
0
10
20
30
40
50
60
70
80
90
TEMPERATURE COEFFICIENT (ppm/°C)
–28 –26 –24 –22 –20 –18 –16 –14 –12 –10 –8 –6 –4 –2
0
2
4
Figure 41. Cumulative Histogram of the ADE7933/ADE7923 Voltage Channel V2
ADC Gain Temperature Coefficient for Temperatures Between +25°C and +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com