Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 30Page - Analog Devices ADE7933 Datasheet HTML 31Page - Analog Devices ADE7933 Datasheet HTML 32Page - Analog Devices ADE7933 Datasheet HTML 33Page - Analog Devices ADE7933 Datasheet HTML 34Page - Analog Devices ADE7933 Datasheet HTML 35Page - Analog Devices ADE7933 Datasheet HTML 36Page - Analog Devices ADE7933 Datasheet HTML 37Page - Analog Devices ADE7933 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 34 of 125
Gain Error
Gain error in the ADE7933/ADE7932 and ADE7923 represents
the difference between the measured ADC output code (minus
the offset) and the ideal output code (see the Current Channel
ADC and Voltage Channel ADCs sections). The difference is
expressed as a percentage of the ideal code and represents the
overall gain error of one current or voltage channel.
Gain Drift over Temperature
Gain drift is the change in gain over temperature. The gain
temperature coefficient includes the temperature variation of the
ADC gain and of the internal voltage reference. Gain drift over
temperature represents the overall temperature coefficient of one
current or voltage channel. With the internal voltage reference
in use, the ADC gain is measured at −40°C, +25°C, and +85°C.
The temperature coefficient is computed as follows:
Drift =
(
)
(
)
(
) (
)
(
)
(
)
(
) (
)
°
−
°
×
°
°
−
°
°
−
°
−
×
°
°
−
°
−
C
25
C
85
C
25
C
25
C
85
,
C
25
C
40
C
25
C
25
C
40
max
Gain
Gain
Gain
Gain
Gain
Gain
Gain drift is measured in ppm of FS/°C.
Power Supply Rejection (PSR)
PSR quantifies the ADE7978 and ADE7933/ADE7932/
ADE7923 chipset measurement error as a percentage of reading
when the power supplies are varied. For the ac PSR measurement,
a reading at nominal supplies (3.3 V) is taken when the voltage
at the input pins is 0 V. A second reading is obtained with the
same input signal levels when an ac signal (120 mV rms at 50 Hz
or 100 Hz) is introduced onto the supplies. Any error introduced
by this ac signal is expressed as a percentage of reading (power
supply rejection ratio, PSRR). PSR = 20 log10 (PSRR).
For the dc PSR measurement, a reading at nominal supplies
(3.3 V) is taken when the voltage between the IP and IM pins is
6.25 mV rms, and the voltages between the V1P, V2P, and VM
pins are 100 mV rms. A second reading is obtained with the
same input signal levels when the power supplies are varied by
±10%. Any error introduced is expressed as a percentage of the
reading (PSRR). PSR = 20 log10 (PSRR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com