Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 84 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 80Page - Analog Devices ADE7933 Datasheet HTML 81Page - Analog Devices ADE7933 Datasheet HTML 82Page - Analog Devices ADE7933 Datasheet HTML 83Page - Analog Devices ADE7933 Datasheet HTML 84Page - Analog Devices ADE7933 Datasheet HTML 85Page - Analog Devices ADE7933 Datasheet HTML 86Page - Analog Devices ADE7933 Datasheet HTML 87Page - Analog Devices ADE7933 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 84 of 125
POWER-UP PROCEDURE
The ADE7978/ADE7933/ADE7932/ADE7923 chipset contains
on-chip power supply monitors that supervise the power supply
(VDD). The ADE7933/ADE7932 and ADE7923 have a monitor
with a threshold at 2.0 V ± 10% and a timeout timer of 23 ms.
The ADE7978 has a monitor with a threshold between 2.5 V
and 2.6 V and a time-out timer of 32 ms. Because the ADE7933/
ADE7932 and ADE7923 are fully managed by the ADE7978,
the power supply monitor of the ADE7978 determines the
power-up of the chipset.
The ADE7978 is in an inactive state until VDD reaches the thresh-
old of 2.5 V to 2.6 V. The ADE7933/ADE7932 and ADE7923 are
also in an inactive state. Before the chipset is powered up, ensure
that the power supply for the ADE7978 ensures a transition from
around 2.5 V or 2.6 V to 3.3 V − 10% in less than 32 ms. Figure 107
shows the power-up procedure, which follows these steps:
1. When VDD crosses the 2.5 V to 2.6 V threshold, the
ADE7978 power supply monitor keeps the chip in the
inactive state for an additional 32 ms, allowing VDD to reach
3.3 V − 10%, the minimum recommended supply voltage.
2. The ADE7978 starts to function and generates a 4.096 MHz
clock signal for the ADE7933/ADE7932 and ADE7923 at the
CLKOUT pin.
3. The ADE7933/ADE7932 and ADE7923 devices begin to
function.
4. After 20 µs, the ADE7978 resets the ADE7933/ADE7932
and ADE7923 devices by setting the RESET_EN pin low.
The ADE7978 toggles the following pins eight times from
high to low at a 4.096 MHz frequency (CLKIN/4): VT_A,
VT_B, VT_C, and VT_N.
5. The ADE7933/ADE7932 and ADE7923 devices begin to
function at default conditions.
6. When the ADE7978, the ADE7933/ADE7932 and
ADE7923 devices become fully functional, the IRQ1
interrupt pin is set low, and Bit 15 (RSTDONE) in the
STATUS1 register (Address 0xE503) is set to 1. This bit is
cleared to 0 during power-up and is set to 1 when the
power-up is completed.
7. After a power-up of the ADE7978, the I2C serial port is active.
For information about changing the serial port to SPI and
about locking in the selected serial port (I2C or SPI), see the
Serial Interface Selection section. Immediately after power-
up, the ADE7978 resets all registers to their default values.
After a successful power-up of the chipset, follow the instructions
in the Initializing the Chipset section.
If the supply voltage, VDD, falls below 2 V ± 10%, the ADE7978
and the ADE7933/ADE7932 and ADE7923 devices enter an
inactive state, which means that no measurements or
computations are executed.
INITIALIZING THE CHIPSET
After the ADE7978/ADE7933/ADE7932/ADE7923 are powered
up, initialize the chipset as follows.
1. Monitor the IRQ1 pin until it goes low, indicating that the
RSTDONE interrupt is triggered.
2. When the ADE7978 starts functioning after power-up, the
I2C port is the active serial port. If SPI communication is
to be used, toggle the SS/HSA pin three times from high to
low to select the SPI interface. For more information about
changing the communication port to SPI, see the Serial
Interface Selection section.
3. Read the STATUS1 register (Address 0xE503) to verify that
Bit 15 (RSTDONE) is set to 1, and then write a 1 to the bit
to clear it. The IRQ1 pin returns high. Because RSTDONE
is an unmaskable interrupt, Bit 15 (RSTDONE) must be
reset to 0 for the IRQ1 pin to return high.
It is recommended that all other flags in the STATUS1 and
STATUS0 registers also be reset by writing a 1 to all bits in
the registers.
20µs
ADE7978,
ADE7933/ADE7932
AND ADE7923
POWERED UP.
3.3V – 10%
2.5V TO 2.6V
ADE7978 STARTS
FUNCTIONING. ADE7978
CLOCKS ADE7933/ADE7932
AND ADE7923.
0V
32ms
ADE7978 POR
TIMER TURNED ON.
RSTDONE
INTERRUPT
TRIGGERED.
ADE7978,
ADE7933/ADE7932
AND ADE7923 READY.
50ms
MICROPROCESSOR
MAKES THE CHOICE
BETWEEN I2C AND SPI.
ADE7978 RESETS ADE7933/ADE7932 AND ADE7923.
ADE7933/ADE7932 AND ADE7923 START FUNCTIONING.
Figure 107. Power-Up Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com