Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 15 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 11Page - Analog Devices ADE7933 Datasheet HTML 12Page - Analog Devices ADE7933 Datasheet HTML 13Page - Analog Devices ADE7933 Datasheet HTML 14Page - Analog Devices ADE7933 Datasheet HTML 15Page - Analog Devices ADE7933 Datasheet HTML 16Page - Analog Devices ADE7933 Datasheet HTML 17Page - Analog Devices ADE7933 Datasheet HTML 18Page - Analog Devices ADE7933 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 15 of 125
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
For specified performance
VDD Pin
2.97
3.63
V
Minimum = 3.3 V − 10%; maximum = 3.3 V
+ 10%
I
DD
12.5
19
mA
50
µA
Bit 6 (CLKOUT_DIS) and Bit 7 (ADE7933_
SWRST) in the CONFIG3 register set to 1
1 See the Terminology section for definitions of the parameters.
2 XTAL1/XTAL2 total capacitances refer to the net capacitances on each pin. Each capacitance is the sum of the parasitic capacitance at the pin and the capacitance of
the ceramic capacitor connected between the pin and GND. See the ADE7978, ADE7933/ADE7932, and ADE7923 Clocks section for more information.
Regulatory Approvals
The ADE7933/ADE7932 are approved by the organizations listed in Table 7. See Table 13 and the Insulation Lifetime section for more
information about the recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Note that Table 13 presents the maximum working voltages for 50-year minimum lifetime: 400 V rms for ac voltages and 1173 V peak for
dc voltages. Greater working voltages shorten the lifetime of the product (see Insulation Lifetime section). Some certifications in Table 7
state greater maximum working voltages than the values presented in Table 13. Therefore, use the ADE7933/ADE7932 only for working
voltages lower than 400 V rms for ac voltages and 1173 V peak for dc voltages.
Table 7.
UL
CSA
VDE
Recognized under UL 1577
Component Recognition Program1
Basic insulation per CSA 60950-1-07+A1+A2,
CSA 62368-1-14, and IEC 60950-1 second edition,
+A1+A2, and IEC 62368-1:2014 Edition 2 (Pollution
Degree 2, Material Group III):
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Single Protection, 5000 V rms
Isolation Voltage
830 V rms (1173 V peak) maximum working voltage3
Reinforced insulation, 846 V peak4
Approved under CSA Component
Acceptance Notice 5A
Basic insulation per CSA 61010-1-12+A1 and
IEC 61010-1 third edition (these devices meet the
following clauses: K.3, K.4, 6.7.1.3, 6.7.2.2.2 A.17,
K.6x1.6, K.7x1.6, 10); the risk management process is
not applicable to these clauses (Pollution Degree 2,
Material Group III, Overvoltage Category II, Category III,
and Category IV):
600 V rms (848 V peak) maximum working voltage4
Reinforced insulation per CSA 60950-1-07+A1+A2,
CSA 62368-1-14, IEC 60950-1 second edition, +A1+A2,
and IEC 62368-1:2014 Edition 2 (Pollution Degree 2,
Material Group III):
415 V rms (586 V peak) maximum working voltage
Reinforced insulation per CSA 61010-1-12 and
IEC 61010-1 third edition based on IEC 61010-1 C1 14.1 a)
for use in IEC 61010-1 end products because they
meet the requirements of the IEC 62368-1 evaluation
(Pollution Degree 2, Material Group III, Overvoltage
Category II, and Category III):
300 V rms (424 V peak) maximum working voltage
FILE E214100
FILE 2758945
FILE 2471900-4880-0001
1 In accordance with UL 1577, each ADE7933/ADE7932 is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 sec (current leakage detection limit = 15 µA).
2 In accordance with DIN V VDE V 0884-10 (VDE V 0884-10):2006-12, each ADE7933/ADE7932 is proof tested by applying an insulation test voltage ≥ 1590 V peak for 1 sec
(partial discharge detection limit = 5 pC). The asterisk (*) marking branded on the component designates DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 approval.
3 At this maximum working voltage, the approximate predicted lifetime is 0.2 years under 50 Hz, 60 Hz ac voltages.
4 At this maximum working voltage, the approximate predicted lifetime is 8 years under 50 Hz, 60 Hz ac voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com