Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPM-S500-R Datasheet(PDF) 2 Page - CUI INC

Part # VPM-S500-R
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPM-S500-R Datasheet(HTML) 2 Page - CUI INC

  VPM-S500-R Datasheet HTML 1Page - CUI INC VPM-S500-R Datasheet HTML 2Page - CUI INC VPM-S500-R Datasheet HTML 3Page - CUI INC VPM-S500-R Datasheet HTML 4Page - CUI INC VPM-S500-R Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VPM-S500-R │ DESCRIPTION: AC-DC POWER SUPPLY
date 01/25/2022
│ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
at 90-264 Vac, full load
8
A
inrush current
at 230 Vac, full load, cold start
70
A
input fuse
Built-in ac fuse. A blown fuse usually indicates permanent
damage to the power supply serviceable by factory only.
power factor correction
at 230 Vac, full load
0.98
OUTPUT
parameter
conditions/description
min
typ
max
units
total regulation
±1
%
transient response
output voltage returns to within 1% in less than 2.5 ms for a
50% load change. Peak transient does not exceed 5%.
overshoot
turn-on and turn-off overshoot shall not exceed 5% over
nominal voltage.
start-up time
at 230 Vac
1
s
hold-up time
at 80% load
20
ms
adjustment range
output user adjustable
±5
%
remote sense
designated as RS+ and RS- on CN3. Total voltage
compensation for cable losses with respect to the main output.
(NOT available for current sharing models.)
remote on/off
defined RSW on CN3, requiring low signal to inhibit output.
LED display (LED 1)
green - the power supply is operating normally.
orange - when any protection occurs or RSW is low.
power good
designated as PG on CN3. This signal goes high 100~500 ms
after the output reaches regulation. It goes low at least 1 ms
before loss of regulation.
current sharing
designated as CSH on CN3, optional single wired for forced
surrent sharing function and parallel up to 4 units within 10%
accuracy at full load.
current monitor
designated as CMN on CN3 for for current sense for 0.5~3 Vdc
to represent 0~100% output current.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
input under voltage protection
Power supply shuts down when ac input is under 80 ±5 Vac.
When ac line reappears over 86 ±5 Vac, the power supply
restarts automatically.
over voltage protection
shutdown and latches, ac input reset required to restart
130
%
over current protection
auto recovery
110
140
%Io
short circuit protection
continuous auto recovery upon removal of short
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com