Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPM-S500-R Datasheet(PDF) 1 Page - CUI INC

Part # VPM-S500-R
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPM-S500-R Datasheet(HTML) 1 Page - CUI INC

  VPM-S500-R Datasheet HTML 1Page - CUI INC VPM-S500-R Datasheet HTML 2Page - CUI INC VPM-S500-R Datasheet HTML 3Page - CUI INC VPM-S500-R Datasheet HTML 4Page - CUI INC VPM-S500-R Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 01/25/2022
page 1 of 5
SERIES: VPM-S500-R
│ DESCRIPTION: AC-DC POWER SUPPLY
FEATURES
• current monitoring and remote voltage adjustments (margin)
• short circuit, overload, over voltage and over temperature
protections
• optional IEC320 AC inlet or terminal block
• current sharing
RoHS
MODEL
preset
voltage
output
voltage1,2,3
output
current
ripple
and noise4,5
output
power6
efficiency
(Vdc)
min
(Vdc)
max
(Vdc)
max
(A)
max
(% Vp-p)
max
(W)
typ
(%)
VPM-S500-03R
3.3
2
3.3
80
75 mV
264
70
VPM-S500-05R*
5
5
6
80
75 mV
400
75
VPM-S500-12R*
12
12
15
41.67
±1
500
80
VPM-S500-16R*
16
16
21
31.25
±1
500
83
VPM-S500-24R*
24
22
30
22.73
±1
500
83
VPM-S500-36R*
36
31
41
16.13
±1
500
83
VPM-S500-48R*
48
42
55
10.42
±1
500
83
Notes:
1. customer must specify output voltage
2. output is fully isolated
3. output voltage is measured at output power connector
4. 1% minimum load is required to maintain the ripple and regulation
5. Ripple & noise are measured at 20 MHz BW with 0.1 µF ceramic cap and a 22 µF electrolytic capacitors on the output
6. provides peak power of 900 W within 500 µs for all models
7. * Discontinued model.
PART NUMBER KEY
VPM-S500 - XX R X
Base Number Preset Output Voltage
Current Sharing:
“blank” = N/A
I = available
Additional Resources: Product Page


Similar Part No. - VPM-S500-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPM-S500-03R CUI-VPM-S500-03R Datasheet
348Kb / 5P
Switching Power Supply
VPM-S500-05R CUI-VPM-S500-05R Datasheet
348Kb / 5P
Switching Power Supply
VPM-S500-12R CUI-VPM-S500-12R Datasheet
348Kb / 5P
Switching Power Supply
VPM-S500-16R CUI-VPM-S500-16R Datasheet
348Kb / 5P
Switching Power Supply
VPM-S500-24R CUI-VPM-S500-24R Datasheet
348Kb / 5P
Switching Power Supply
More results

Similar Description - VPM-S500-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com