Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPM-S500-R Datasheet(PDF) 4 Page - CUI INC

Part # VPM-S500-R
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPM-S500-R Datasheet(HTML) 4 Page - CUI INC

  VPM-S500-R Datasheet HTML 1Page - CUI INC VPM-S500-R Datasheet HTML 2Page - CUI INC VPM-S500-R Datasheet HTML 3Page - CUI INC VPM-S500-R Datasheet HTML 4Page - CUI INC VPM-S500-R Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VPM-S500-R │ DESCRIPTION: AC-DC POWER SUPPLY
date 01/25/2022
│ page 4 of 5
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
9.17 x 4.25 x 2.5 (232.92 x 107.95 x 63.5 mm)
inch
weight
1.45
kg
Mounting holes
Two sets of 8 threaded mounting holes available on the enclosure.
B: 6-32, maximum insertion depth of 0.2 inches.
C: M4, maximum insertion depth of 0.2 inches.
MECHANICAL DRAWING
units: inches (mm)
tolerance: inches: x.xx = ±0.006
mm: x.xx = ±0.15
LOGIC CONNECTOR (CN3)
JS B7B-XH-A
Suggested mating connector
JST XHP-7 or equivalent
Contact: SXH-001T-P0.6
OUTPUT CONNECTOR (CN2)
Molex 26-48-1201 or similar.
(option 1)
Howder HD-121-8P
(option 2)
Suggested mating connector:
Molex 09-91-2000
contact:08-50-0106 or similar.
Suggested mating connector
Molex 19198-0045 or similar
PIN
FUNCTION
PIN
FUNCTION
1~10
+Vo
1~4
+Vo
11~20
-Vo
5~8
-Vo
INPUT CONNECTOR (CN1)
IEC320 or equivalent
snap-in mounting type
(option 1)
DINKLE DT-35-A02W-03
(option 2)
Suggested mating plug
IEC320 powercord
Suggested mating connector
Molex 19198-0016 or similar
PIN FUNCTION
PIN
FUNCTION
1
CMN - Current Monitoring
2
CSH - Current Sharing
3
RTN - return
4
PG - power good signal
5
RSW - remote on/off
6
RS- - remote sense (-)
7
RS+ - remote sense (+)
FAN
JST B2B-XH-A
Suggested mating connector
JST XHP-2 or equivalent,
Contact: SXH-001T-P0.6
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com