Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPM-S500-R Datasheet(PDF) 3 Page - CUI INC

Part # VPM-S500-R
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPM-S500-R Datasheet(HTML) 3 Page - CUI INC

  VPM-S500-R Datasheet HTML 1Page - CUI INC VPM-S500-R Datasheet HTML 2Page - CUI INC VPM-S500-R Datasheet HTML 3Page - CUI INC VPM-S500-R Datasheet HTML 4Page - CUI INC VPM-S500-R Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VPM-S500-R │ DESCRIPTION: AC-DC POWER SUPPLY
date 01/25/2022
│ page 3 of 5
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
primary to secondary at 10 mA for 3 seconds
primary to transformer core at 10 mA for 3 seconds
primary to earth ground for at 10 mA 3 seconds
3,000
1,500
1,500
Vac
Vac
Vac
safety approvals
UL 60950-1
EMI/EMC
EN 55022 Class B conducted/radiated, EN 61000-3-(2,3), EN 55024, IEC 61000-4-(2,3,4,5,6,8,11)
leakage current
at 264 VAC
2
mA
grounding test
allowable resistance measured when 25 A current is applied
from the ground pin of the three prong plug to the farthest
earthed connection point.
0.1
RoHS compliant
yes
MTBF
according to MIL-HBK-217F at 30°C
100,000
hours
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
derating linearly at 2.5% from 50~70°C
0
70
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
5
90
%RH
storage humidity
non-condensing
5
95
%RH
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com