Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC64 Datasheet(PDF) 3 Page - Microchip Technology

Part # 24FC64
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64 Datasheet(HTML) 3 Page - Microchip Technology

  24FC64 Datasheet HTML 1Page - Microchip Technology 24FC64 Datasheet HTML 2Page - Microchip Technology 24FC64 Datasheet HTML 3Page - Microchip Technology 24FC64 Datasheet HTML 4Page - Microchip Technology 24FC64 Datasheet HTML 5Page - Microchip Technology 24FC64 Datasheet HTML 6Page - Microchip Technology 24FC64 Datasheet HTML 7Page - Microchip Technology 24FC64 Datasheet HTML 8Page - Microchip Technology 24FC64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 3
24AA64/24FC64/24LC64
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ..........................................................................................................-0.3V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
 4kV
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I): TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Extended (E): TA = -40°C to +125°C, VCC = +1.7V to +5.5V
Param.
No.
Symbol
Characteristic
Min.
Typical
Max.
Units
Conditions
D1
VIH
High-Level Input Voltage
0.7 VCC
——
V
D2
VIL
Low-Level Input Voltage
—
—
0.3 VCC
VVCC
 2.5V
—
—
0.2 VCC
VVCC
 2.5V
D3
VHYS
Hysteresis of Schmitt
Trigger Inputs
(SDA, SCL pins)
0.05 VCC
——
V
VCC
 2.5V (Note 1)
D4
VOL
Low-Level Output Voltage
——
0.40
V
IOL = 3.0 mA @ VCC = 4.5V
——
0.40
V
IOL = 2.1 mA @ VCC = 2.5V
D5
ILI
Input Leakage Current
——
±1
µA
VIN = VSS or VCC, WP = VSS
——
±1
µA
VIN = VSS or VCC, WP = VCC
D6
ILO
Output Leakage Current
—
—
±1
µA
VOUT = VSS or VCC
D7
CIN,
COUT
Pin Capacitance
(all inputs/outputs)
——
10
pF
VCC = 5.0V (Note 1)
TA = 25°C, FCLK = 1 MHz
D8
ICC Write
Operating Current
—0.1
3
mA
VCC = 5.5V, SCL = 400 kHz
D9
ICC Read
—
0.05
400
µA
VCC = 5.5V, SCL = 400 kHz
D10
ICCS
Standby Current
—0.01
1
µA
SDA = SCL = VCC
A0, A1, A2, WP = VSS, I-Temp.
——
5
µA
SDA = SCL = VCC
A0, A1, A2, WP = VSS, E-Temp.
Note 1: This parameter is periodically sampled and not 100% tested.
2: Typical measurements taken at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com