Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC64 Datasheet(PDF) 49 Page - Microchip Technology

Part # 24FC64
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64 Datasheet(HTML) 49 Page - Microchip Technology

Back Button 24FC64 Datasheet HTML 43Page - Microchip Technology 24FC64 Datasheet HTML 44Page - Microchip Technology 24FC64 Datasheet HTML 45Page - Microchip Technology 24FC64 Datasheet HTML 46Page - Microchip Technology 24FC64 Datasheet HTML 47Page - Microchip Technology 24FC64 Datasheet HTML 48Page - Microchip Technology 24FC64 Datasheet HTML 49Page - Microchip Technology 24FC64 Datasheet HTML 50Page - Microchip Technology 24FC64 Datasheet HTML 51Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 49
24AA64/24FC64/24LC64
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape and Reel
Device
Device:
24AA64
=
24LC64
=
1.7V, 64-Kbit I2C Serial EEPROM
2.5V, 64-Kbit I2C Serial EEPROM
Tape and Reel
Option:
Blank
=
T
=
Standard packaging (tube)
Tape and Reel
Temperature
Range:
I
=
E
=
-40
C to +85C (AEC-Q100 Grade 3)
-40
C to +125C (AEC-Q100 Grade 1)
Package:
MS
=
SN
=
OT
=
ST
=
MNY
=
Plastic Micro Small Outline – 8-Lead (MSOP)
Plastic Small Outline - Narrow, 3.90 mm
(.150 ln) Body, 8-Lead (SOIC)
Plastic Small Outline Transistor – 5-Lead
(SOT-23) (Tape and Reel only)
Plastic Thin Shrink Small Outline – 4x4 mm
Body, 8-Lead (TSSOP)
Plastic Dual Flat, No Lead Package –
2x3x0.8 mm Body, 8-Lead (TDFN)
Variant:(2,3)
15KVAO
=
15KVXX
=
16KVAO
=
16KVXX
=
Standard Automotive, 15K Process(4)
Customer-Specific Automotive, 15K Process(4)
Standard Automotive, 16K Process
Customer-Specific Automotive, 16K Process
Examples
a) 24LC64T-E/SN16KVAO:
2.5V, 64-Kbit I2C Serial
EEPROM, Automotive Grade 1, Tape and Reel, SOIC
package.
b) 24LC64T-I/ST16KVAO:
2.5V, 64-Kbit I2C Serial
EEPROM, Automotive Grade 3, Tape and Reel, TSSOP
package.
c) 24AA64T-E/MNY16KVAO: 1.7V, 64-Kbit I2C Serial
EEPROM, Automotive Grade 1, Tape and Reel, TDFN
package.
d) 24LC64T-E/OT16KVAO:
2.5V, 64-Kbit I2C Serial
EEPROM, Automotive Grade 1, Tape and Reel, SOT-23
package.
Option
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not printed
on the device package. Check with your Micro-
chip Sales Office for package availability with
the Tape and Reel option.
2:
The VAO/VXX automotive variants have been
designed, manufactured, tested and qualified
in accordance with AEC-Q100 requirements
for automotive applications.
3:
For customers requesting a PPAP, a cus-
tomer-specific part number will be generated
and provided. A PPAP is not provided for VAO
part numbers.
4:
Not recommended for new designs.
(1)
(1)
–X
Temperature
Range
XXX
Variant
(2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com