Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC64 Datasheet(PDF) 7 Page - Microchip Technology

Part # 24FC64
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24FC64 Datasheet HTML 3Page - Microchip Technology 24FC64 Datasheet HTML 4Page - Microchip Technology 24FC64 Datasheet HTML 5Page - Microchip Technology 24FC64 Datasheet HTML 6Page - Microchip Technology 24FC64 Datasheet HTML 7Page - Microchip Technology 24FC64 Datasheet HTML 8Page - Microchip Technology 24FC64 Datasheet HTML 9Page - Microchip Technology 24FC64 Datasheet HTML 10Page - Microchip Technology 24FC64 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 7
24AA64/24FC64/24LC64
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
2.1
A0, A1, A2 Chip Address Inputs
The A0, A1 and A2 inputs are used by the 24XX64 for
multiple device operation. The levels on these inputs
are compared with the corresponding bits in the client
address. The chip is selected if the compare is true.
Up to eight devices may be connected to the same bus
by using different Chip Select bit combinations. These
inputs must be connected to either VCC or VSS.
In most applications, the chip address inputs A0, A1
and A2 are hard-wired to logic ‘0’ or logic ‘1’. For
applications in which these pins are controlled by a
microcontroller or other programmable device, the chip
address pins must be driven to logic ‘0’ or logic ‘1’
before normal device operation can proceed. Address
pins are not available in the SOT-23 or Chip Scale
packages.
2.2
Serial Address/Data Input/Output
(SDA)
SDA is a bidirectional pin used to transfer addresses
and data into and out of the device. Since it is an
open-drain terminal, the SDA bus requires a pull-up
resistor to VCC (typical 10 k
 for 100 kHz, 2 k for
400 kHz and 1 MHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.3
Serial Clock (SCL)
The SCL input is used to synchronize the data transfer
from and to the device.
2.4
Write-Protect (WP)
This pin must be connected to either VSS or VCC. If tied
to VSS, write operations are enabled. If tied to VCC,
write operations are inhibited but read operations are
not affected.
TABLE 2-1:
PIN FUNCTION TABLE
Name CS DFN(1) MSOP PDIP SOIC SOIJ SOT-23 TDFN(1) TSSOP
Rotated
TSSOP
Description
A0
—
1
1
1
1
1
—
1
1
3
Chip Address Input
A1
—
2
2
2
2
2
—
2
2
4
Chip Address Input
A2
—
3
3
3
3
3
—
3
3
5
Chip Address Input
VSS
2
4
4
4
4
4
2
4
4
6
Ground
SDA
5
5
5
5
5
5
3
5
5
7
Serial Address/Data I/O
SCL
4
6
6
6
6
6
1
6
6
8
Serial Clock
WP
3
7
7
7
7
7
5
7
7
1
Write-Protect Input
VCC
1
8
8
8
8
8
4
8
8
2
Power Supply
Note 1: The exposed pad on the DFN/TDFN packages can be connected to VSS or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com