Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC64 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24FC64
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64 Datasheet(HTML) 1 Page - Microchip Technology

  24FC64 Datasheet HTML 1Page - Microchip Technology 24FC64 Datasheet HTML 2Page - Microchip Technology 24FC64 Datasheet HTML 3Page - Microchip Technology 24FC64 Datasheet HTML 4Page - Microchip Technology 24FC64 Datasheet HTML 5Page - Microchip Technology 24FC64 Datasheet HTML 6Page - Microchip Technology 24FC64 Datasheet HTML 7Page - Microchip Technology 24FC64 Datasheet HTML 8Page - Microchip Technology 24FC64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 1
24AA64/24FC64/24LC64
Features
• Single Supply with Operation Down to 1.7V for
24AA64 and 24FC64 Devices and 2.5V for
24LC64 Devices
• Low-Power CMOS Technology:
- Active current: 3 mA, maximum
- Standby current: 1 µA, maximum
• Two-Wire Serial Interface, I2C Compatible
• Packages with Three Address Pins are
Cascadable Up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• 1 MHz Clock for FC versions
• Page Write Time: 5 ms, Maximum
• Self-Timed Erase/Write Cycle
• 32-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection > 4,000V
• More Than 1 Million Erase/Write Cycles
• Data Retention > 200 Years
• Factory Programming Available
• RoHS Compliant
• Temperature Ranges Supported:
• Automotive AEC-Q100 Qualified
Packages
• 5-Lead Chip Scale, 8-Lead DFN, 8-Lead DFN-S,
8-Lead MSOP, 8-Lead PDIP, 8-Lead SOIC,
8-Lead SOIJ, 5-Lead SOT-23, 8-Lead TDFN,
8-Lead TSSOP and 8-Lead X-Rotated TSSOP
Description
The Microchip Technology Inc. 24XX64(1) is a 64-Kbit
Electrically Erasable PROM (EEPROM). The device is
organized as a single block of 8K x 8-bit memory with
a two-wire serial interface. Its low-voltage design
permits operation down to 1.7V, with standby and
active currents of only 1 µA and 3 mA, respectively.
The 24XX64 also has a page write capability for up to
32 bytes of data. Functional address lines allow up to
eight devices on the same bus, for up to 512-Kbit
address space.
Package Types
Device Selection Table
Part Number
VCC Range
Max. Clock
Frequency
Temp. Ranges
Packages
24AA64
1.7V-5.5V
400 kHz(1)
I, E
CS, MC, MS, P, SN, SM, OT, MNY, ST, X/ST
24FC64
1.7V-5.5V
1 MHz(2)
I
MC, MF, MS, P, SN, SM, OT, MNY, ST
24LC64
2.5V-5.5V
400 kHz
I, E
MC, MS, P, SN, SM, OT, MNY, ST, X/ST
Note 1: 100 kHz for VCC < 2.5V
2: 400 kHz for VCC < 2.5V
- Industrial (I):
-40
Cto +85C
- Extended (E):
-40
Cto +125C
Note 1: 24XX64 is used in this document as a
generic
part
number
for
the
24AA64/24FC64/24LC64 devices.
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
MSOP/PDIP/SOIC/SOIJ/TSSOP
DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
SOT-23
1
2
34
5
WP
VCC
SCL
VSS
SDA
CS (Chip Scale)
1
2
3
45
VCC
WP
SDA
SCL
VSS
(Top Down View,
Balls Not Visible)
Note 1:
Available in I-temp, “AA” only.
X-Rotated TSSOP
WP
VCC
A0
A1
1
2
3
4
8
7
6
5
SCL
SDA
VSS
A2
(X/ST)
(1)
64-Kbit I2C Serial EEPROM


Similar Part No. - 24FC64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC64 MICROCHIP-24FC64 Datasheet
433Kb / 28P
64K I2C??Serial EEPROM
2007
24FC64 MICROCHIP-24FC64 Datasheet
746Kb / 36P
64K I2C??Serial EEPROM
2009
24FC64 MICROCHIP-24FC64 Datasheet
885Kb / 40P
64K I2C??Serial EEPROM
2010
24FC64 MICROCHIP-24FC64 Datasheet
1Mb / 44P
64K I2C??Serial EEPROM
11/29/12
24FC64 MICROCHIP-24FC64 Datasheet
355Kb / 28P
64K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24FC64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
16 Kbit Serial I2C BUS EEPROM
23-Oct-2001
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
M24C64-W STMICROELECTRONICS-M24C64-W Datasheet
465Kb / 42P
64-Kbit serial I²C bus EEPROM
28-Aug-2012
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M24C64-FDW5TP STMICROELECTRONICS-M24C64-FDW5TP Datasheet
838Kb / 45P
64-Kbit serial I짼C bus EEPROM
12-Nov-2014
logo
ON Semiconductor
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
NV24C64LV ONSEMI-NV24C64LV Datasheet
324Kb / 18P
EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. P3
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
16-Kbit serial I2C bus EEPROM
12-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com