Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2215 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2215
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215 Datasheet(HTML) 3 Page - Microchip Technology

  MIC2215 Datasheet HTML 1Page - Microchip Technology MIC2215 Datasheet HTML 2Page - Microchip Technology MIC2215 Datasheet HTML 3Page - Microchip Technology MIC2215 Datasheet HTML 4Page - Microchip Technology MIC2215 Datasheet HTML 5Page - Microchip Technology MIC2215 Datasheet HTML 6Page - Microchip Technology MIC2215 Datasheet HTML 7Page - Microchip Technology MIC2215 Datasheet HTML 8Page - Microchip Technology MIC2215 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006274B-page 3
MIC2215
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VIN) ......................................................................................................................................... 0V to +7V
Enable Voltage (VEN) ........................................................................................................................................ 0V to +7V
Power Dissipation (Note 1) .................................................................................................................... Internally Limited
ESD Rating .............................................................................................................................................................Note 2
Operating Ratings ††
Supply Voltage (VIN1).............................................................................................................................. +2.25V to +5.5V
Supply Voltage (VIN2, VIN3) ........................................................................................................................+2.25V to VIN1
Enable Voltage (VEN) ........................................................................................................................................0V to VIN1
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: The maximum allowable power dissipation of any TA (ambient temperature) is PD(MAX) = (TJ(MAX) – TA) ÷
θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the
regulator will go into thermal shutdown.
2: Devices are ESD sensitive. Handling precautions recommended.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN1 = VIN2 = VIN3 = VOUT (highest nominal) +1.0V; COUT = 1.0 µF, IOUT = 100 µA; TJ =
+25°C,
bold values indicate –40°C ≤ TJ ≤ +125°C unless noted. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
—
–1
—
1
%
—
–2
—
2
Output Voltage Temperature
Coefficient
—
—
40
—
ppm/°C —
Line Regulation
—
—
0.015
0.3
%/V
VIN = VOUT + 1V to 5.5V
Load Regulation
—
—
0.3
0.5
%
IOUT = 100 µA to 250 mA
—
—
0.7
Valid only for VOUT = 1.8V
Dropout Voltage
VDO
—
2
—
mV
IOUT = 100 µA
—
32
—
IOUT = 50 mA
—
63
—
IOUT = 100 mA
—
100
150
IOUT = 150 mA
—
170
275
IOUT = 250 mA
Ground Current
IGND
—
280
400
µA
IOUT1 = IOUT2 = IOUT3 = 100 µA
—
110
150
IOUT1 = 100 µA; IOUT2/IOUT3 = off
—
420
550
IOUT1 = IOUT2 = IOUT3 = 250 mA
Quiescent Current
IQ
—
0.2
1
µA
VEN1 = VEN2 = VEN3 = 0V
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com