Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2215 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2215
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2215 Datasheet HTML 1Page - Microchip Technology MIC2215 Datasheet HTML 2Page - Microchip Technology MIC2215 Datasheet HTML 3Page - Microchip Technology MIC2215 Datasheet HTML 4Page - Microchip Technology MIC2215 Datasheet HTML 5Page - Microchip Technology MIC2215 Datasheet HTML 6Page - Microchip Technology MIC2215 Datasheet HTML 7Page - Microchip Technology MIC2215 Datasheet HTML 8Page - Microchip Technology MIC2215 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MIC2215
DS20006274B-page 4
2019 - 2022 Microchip Technology Inc.
Ripple Rejection
PSRR
—
70
—
dB
VIN = VOUT + 1.0V; IOUT = 150 mA,
f = 0.1 kHz to 1 kHz, CBYP =
0.1 µF
—
60
—
VIN = VOUT + 0.4V; IOUT = 150 mA,
f = 0.1 kHz to 1 kHz, CBYP =
0.1 µF
—
45
—
VIN = VOUT + 0.2V; IOUT = 150 mA,
f = 0.1 kHz to 1 kHz, CBYP =
0.1 µF
Current Limit
ILIM
350
700
—
mA
VOUT = 0V (All regulators)
Output Voltage Noise
—
—
30
—
µVRMS
CBYP = 0.1 µF, f = 10 Hz to
100 kHz
Turn-On Time
tON
—
30
100
µs
CBYP = 0.01 µF
Enable Input
Enable Input Voltage
VEN
—
—
0.4
V
Logic Low (Regulator shutdown)
1.5
—
—
Logic High (Regulator enabled)
Enable Input Current
IEN
—
1.0
—
µA
VIL < 0.4V (Regulator shutdown)
—
0.01
—
VIH > 1.5V (Regulator enabled)
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TJ
–40
—
+125
°C
Note 1
Storage Temperature Range
TS
–65
—
+150
°C
—
Lead Temperature
TLEAD
—
—
+260
°C
Soldering, 5 sec.
Package Thermal Resistance
Thermal Resistance, QFN 16-Ld
θJA
—
45
—
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN1 = VIN2 = VIN3 = VOUT (highest nominal) +1.0V; COUT = 1.0 µF, IOUT = 100 µA; TJ =
+25°C,
bold values indicate –40°C ≤ TJ ≤ +125°C unless noted. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com