Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2215 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2215
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2215 Datasheet HTML 1Page - Microchip Technology MIC2215 Datasheet HTML 2Page - Microchip Technology MIC2215 Datasheet HTML 3Page - Microchip Technology MIC2215 Datasheet HTML 4Page - Microchip Technology MIC2215 Datasheet HTML 5Page - Microchip Technology MIC2215 Datasheet HTML 6Page - Microchip Technology MIC2215 Datasheet HTML 7Page - Microchip Technology MIC2215 Datasheet HTML 8Page - Microchip Technology MIC2215 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006274B-page 1
MIC2215
Features
• Input Voltage Range: +2.25V to +5.5V
• 70 dB PSRR
• Stable with Ceramic Output Capacitor
• High Output Accuracy:
- ±1.0% Initial Accuracy
- ±2.0% over Temperature
• Low Dropout Voltage of 100 mV @ 150 mA
• Low Quiescent Current: 110 µA per Regulator
• Fast Turn-On Time: 30 µs
• Zero Off-Mode Current
• Thermal Shutdown Protection
• Current Limit Protection
• Tiny 16-Pin 4 mm x 4 mm QFN Package
Applications
• Cellular Phones
• PCs and Peripherals
• Wireless LAN Cards
• PDAs
• GPS
General Description
The MIC2215 is a high performance, triple LDO voltage
regulator, with each regulator capable of providing
250 mA continuous output current.
Ideal for battery-operated applications, the MIC2215
offers 1% initial accuracy, extremely low dropout
voltage (100 mV @ 150 mA), and low ground current at
light load (typically 110 µA per regulator). Equipped
with a noise bypass pin and featuring very high power
supply ripple rejection (PSRR) of up to 80 dB, the
MIC2215 provides the lowest noise and highest
efficiency solution for RF applications in portable
electronics such as cellular phones and wireless LAN
applications.
Equipped with TTL logic-compatible enable pins, each
of the regulators in the MIC2215 can be put into a zero
current off mode where the supply current is much less
than 1 µA when all the regulators are disabled. The
MIC2215 is a µCap design, which enables a stable
output with small ceramic output capacitors, reducing
both cost and required board space for output
bypassing.
The MIC2215 is available in the miniature 16-lead,
4 mm x 4 mm QFN package.
Package Types
MIC2215-XXX
16-Lead QFN (ML) (Fixed)
(Top View)
OUT1
VIN1
VIN2
OUT2
VIN3
GND
GND
BYP
1
2
3
4
56
7
8
12
11
10
9
16
15
14
13
MIC2215-AAA
16-Lead QFN (ML) (Adj.)
(Top View)
OUT1
VIN1
VIN2
OUT2
VIN3
GND
GND
BYP
1
2
3
4
56
7
8
12
11
10
9
16
15
14
13
High PSRR, Low Noise µCap Triple LDO


Similar Part No. - MIC2215

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
Tirple High PSRR, Low Noise uCap LDO
MIC2215 MICREL-MIC2215 Datasheet
838Kb / 11P
Triple High PSRR, Low Noise 關Cap LDO
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215 Datasheet
528Kb / 22P
High PSRR, Low Noise 關Cap Triple LDO
05/14/19
logo
Micrel Semiconductor
MIC2215-AAABML MICREL-MIC2215-AAABML Datasheet
112Kb / 11P
Tirple High PSRR, Low Noise uCap LDO
MIC2215-AAABML MICREL-MIC2215-AAABML Datasheet
838Kb / 11P
Triple High PSRR, Low Noise 關Cap LDO
More results

Similar Description - MIC2215

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5259 MICREL-MIC5259_06 Datasheet
1Mb / 11P
300mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC2215 MICREL-MIC2215_07 Datasheet
838Kb / 11P
Triple High PSRR, Low Noise 關Cap LDO
logo
Eutech Microelectronics...
EUP7221 EUTECH-EUP7221 Datasheet
99Kb / 1P
Triple, Low-Noise, High-PSRR, 150mA LDO Without Bypass Capacitor
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
600mA High PSRR Low Noise LDO
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215 Datasheet
528Kb / 22P
High PSRR, Low Noise 關Cap Triple LDO
05/14/19
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
logo
Renesas Technology Corp
RAA214023 RENESAS-RAA214023 Datasheet
2Mb / 45P
Ultra Low Noise, High PSRR, LDO
Feb 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com