Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2215 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2215
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2215 Datasheet HTML 3Page - Microchip Technology MIC2215 Datasheet HTML 4Page - Microchip Technology MIC2215 Datasheet HTML 5Page - Microchip Technology MIC2215 Datasheet HTML 6Page - Microchip Technology MIC2215 Datasheet HTML 7Page - Microchip Technology MIC2215 Datasheet HTML 8Page - Microchip Technology MIC2215 Datasheet HTML 9Page - Microchip Technology MIC2215 Datasheet HTML 10Page - Microchip Technology MIC2215 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006274B-page 7
MIC2215
FIGURE 2-13:
Enable Delay vs. Supply
Voltage.
FIGURE 2-14:
Ground Current vs. Load
Current for LDO 1.
FIGURE 2-15:
Ground Current vs. Load
Current for LDO 2.
FIGURE 2-16:
Ground Current vs. Load
Current for LDO 3.
FIGURE 2-17:
Load Regulation LDO 1.
FIGURE 2-18:
Load Regulation LDO 2.
0
5
10
15
20
25
30
35
40
45
50
2.25
3
3.75
4.5
5.25
SUPPLY VOLTAGE (V)
LDO 2
LDO 1
LDO 3
C
BYP = 0. 1 F
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
OUTPUT CURRENT (mA)
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
OUTPUT CURRENT (mA)
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
OUTPUT CURRENT (mA)
2.980
2.985
2.990
2.995
3.000
3.005
3.010
3.015
3.020
0
50
100
150
200
250
OUTPUT CURRENT (mA)
2.980
2.985
2.990
2.995
3.000
3.005
3.010
3.015
3.020
0
50
100
150
200
250
OUTPUT CURRENT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com