Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP102 Datasheet(PDF) 4 Page - Interpion semiconductor

Part # IP102
Description  Dual OPAmp-Dual Comparator and Adj. Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP102 Datasheet(HTML) 4 Page - Interpion semiconductor

  IP102 Datasheet HTML 1Page - Interpion semiconductor IP102 Datasheet HTML 2Page - Interpion semiconductor IP102 Datasheet HTML 3Page - Interpion semiconductor IP102 Datasheet HTML 4Page - Interpion semiconductor IP102 Datasheet HTML 5Page - Interpion semiconductor IP102 Datasheet HTML 6Page - Interpion semiconductor IP102 Datasheet HTML 7Page - Interpion semiconductor IP102 Datasheet HTML 8Page - Interpion semiconductor IP102 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IP102
Mar. 2004 Rev0
- 4 -
WWW.INTERPIONSEMI.COM
Dual OPAmp-Dual Comparator and Adj. Shunt Regulator
Comparators
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
Vio
5
mV
Input Offset Current
Iio
50
nA
Input Bias Current
Iib
200
nA
High Level Output Current
Ioh
Vid = +1V, Vcc=Vo=15V
0.1
1
uA
Large Signal Voltage Gain
Avd
Vcc+=15V, Rload =15K,
Vo=1V to 11V
200
V/mV
Low Level Output Voltage
Vol
Vid = -1V, Isc = 4mA
100
400
mV
Output Sink Current
Isc
Vid = -1V, Vo = 1.5V
6
16
mA
Input
Common
Mode
Voltage Range
Vicm
0
(Vcc) -
1.5
V
Differential Input Voltage
Vid
Vcc
V
Adjustable Shunt Regulator
Cathode to Anode Voltage
Vka
Vref
18
V
Cathode Current
Ik
0.5
150
mA
Reference Input Voltage
Vref
IP102
2.475
2.5
2.525
V
Reference
Input
Voltage
Deviation
dVref
Vka=Vref, Ik=10mA
-40OC < Ta <85OC
7
30
mV
Load Regulation
Rload
Vka=Vref,Ik=10mA~100m
A
20
50
mV
Minimum Cathode Current
for Regulation
Imin
Vka = Vref
0.2
0.5
mA
Off-State Cathode Current
Ioff
Vka=18V, Vref=0V
0.1
1
uA
ELECTRICAL CHARACTERISTICS
Ta = 25OC, VCC = 5V, VEE=GND (unless otherwise specified. )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com