Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP102 Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP102
Description  Dual OPAmp-Dual Comparator and Adj. Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP102 Datasheet(HTML) 1 Page - Interpion semiconductor

  IP102 Datasheet HTML 1Page - Interpion semiconductor IP102 Datasheet HTML 2Page - Interpion semiconductor IP102 Datasheet HTML 3Page - Interpion semiconductor IP102 Datasheet HTML 4Page - Interpion semiconductor IP102 Datasheet HTML 5Page - Interpion semiconductor IP102 Datasheet HTML 6Page - Interpion semiconductor IP102 Datasheet HTML 7Page - Interpion semiconductor IP102 Datasheet HTML 8Page - Interpion semiconductor IP102 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IP102
Mar. 2004 Rev0
- 1 -
WWW.INTERPIONSEMI.COM
Dual OPAmp-Dual Comparator and Adj. Shunt Regulator
The IP102/A is a monolithic IC that includes two
operational amplifiers, two comparators and an
adjustable shunt regulator. This device is offering
space and cost saving in many applications like
power supply management or data acquisition
systems.
Operational Amplifiers
- Low Supply Current : 200uA/amp
- Medium Speed : 1.5MHz
- Low Level Output Voltage Close to VEE : 0.1V Typ.
Comparators
- Low Supply Current : 200uA/amp(Vcc = 5V)
- Low Output Saturation Voltage 0.1V (Io = 4mA)
Adjustable Shunt Regulator
- Adjustable Output Voltage : Vref to 18V
- Sink Current Capability : 0.5 to 150mA
- 1% Voltage Precision
- Latch-up Immunity
DESCRIPTION
FEATURES
BLOCK DIAGRAM
Device
Package
Operating Temp
IP102A
16DIP
IP102A
16SOP
-40OC ~ +85OC
ORDERING INFORMATION
16DIP
16SOP


Similar Part No. - IP102

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP10 BEL-IP10 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
Hubbell Incorporated.
IP100 HUBBELL-IP100 Datasheet
224Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
logo
List of Unclassifed Man...
IP1000ALF ETC2-IP1000ALF Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R01 ETC2-IP1000ALF-DS-R01 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R02 ETC2-IP1000ALF-DS-R02 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
More results

Similar Description - IP102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM612 NSC-LM612 Datasheet
244Kb / 10P
Dual-Channel Comparator and Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
DUAL COMPARATOR AND VOLTAGE REFERENCE
Nov-2002
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
Dual Comparator
logo
Micrel Semiconductor
MIC833 MICREL-MIC833 Datasheet
35Kb / 8P
Comparator and Reference with Adj. Hystersis Advance Information
logo
BCD Semiconductor Manuf...
AP4301 BCDSEMI-AP4301 Datasheet
760Kb / 13P
DUAL OPAMP AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
logo
Silicon Standard Corp.
SS2432G SSC-SS2432G Datasheet
474Kb / 6P
Dual Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 4
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com