Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP102 Datasheet (PDF) - Interpion semiconductor

IP102 Datasheet PDF - Interpion semiconductor
Part # IP102
Download  IP102 Download
File Size   135.64 Kbytes
Page   12 Pages
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor
Description Dual OPAmp-Dual Comparator and Adj. Shunt Regulator

IP102 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP102 Datasheet PDF - Interpion semiconductor

Part # IP102
Download  IP102 Click to download

File Size   135.64 Kbytes
Page   12 Pages
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor
Description Dual OPAmp-Dual Comparator and Adj. Shunt Regulator

IP102 Datasheet (HTML) - Interpion semiconductor


IP102 Product details

DESCRIPTION
The IP102/A is a monolithic IC that includes two operational amplifiers, two comparators and an adjustable shunt regulator. This device is offering space and cost saving in many applications like power supply management or data acquisition systems.

FEATURES
Operational Amplifiers
   - Low Supply Current : 200uA/amp
   - Medium Speed : 1.5MHz
   - Low Level Output Voltage Close to VEE : 0.1V Typ.
Comparators
  - Low Supply Current : 200uA/amp(Vcc = 5V)
  - Low Output Saturation Voltage 0.1V (Io = 4mA)
Adjustable Shunt Regulator
  - Adjustable Output Voltage : Vref to 18V
  - Sink Current Capability : 0.5 to 150mA
  - 1% Voltage Precision
  - Latch-up Immunity




Similar Part No. - IP102

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP10 BEL-IP10 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
Hubbell Incorporated.
IP100 HUBBELL-IP100 Datasheet
224Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
logo
List of Unclassifed Man...
IP1000ALF ETC2-IP1000ALF Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R01 ETC2-IP1000ALF-DS-R01 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R02 ETC2-IP1000ALF-DS-R02 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
More results


Similar Description - IP102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM612 NSC-LM612 Datasheet
244Kb / 10P
Dual-Channel Comparator and Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
DUAL COMPARATOR AND VOLTAGE REFERENCE
Nov-2002
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
Dual Comparator
logo
Micrel Semiconductor
MIC833 MICREL-MIC833 Datasheet
35Kb / 8P
Comparator and Reference with Adj. Hystersis Advance Information
logo
BCD Semiconductor Manuf...
AP4301 BCDSEMI-AP4301 Datasheet
760Kb / 13P
DUAL OPAMP AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
logo
Silicon Standard Corp.
SS2432G SSC-SS2432G Datasheet
474Kb / 6P
Dual Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 4
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com