Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP102 Datasheet(PDF) 6 Page - Interpion semiconductor

Part # IP102
Description  Dual OPAmp-Dual Comparator and Adj. Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP102 Datasheet(HTML) 6 Page - Interpion semiconductor

Back Button IP102 Datasheet HTML 2Page - Interpion semiconductor IP102 Datasheet HTML 3Page - Interpion semiconductor IP102 Datasheet HTML 4Page - Interpion semiconductor IP102 Datasheet HTML 5Page - Interpion semiconductor IP102 Datasheet HTML 6Page - Interpion semiconductor IP102 Datasheet HTML 7Page - Interpion semiconductor IP102 Datasheet HTML 8Page - Interpion semiconductor IP102 Datasheet HTML 9Page - Interpion semiconductor IP102 Datasheet HTML 10Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IP102
Mar. 2004 Rev0
- 6 -
WWW.INTERPIONSEMI.COM
Dual OPAmp-Dual Comparator and Adj. Shunt Regulator
ELECTRICAL DIAGRAMS
05
10
15
20
0.0
0.5
1.0
1.5
2.0
Total Supply Current vs. Supply Voltage
Supply Voltage (V)
-25
0
25
50
75
100
0.8
0.9
1.0
1.1
1.2
1.3
VCC=5V
Total Supply Current vs. Temperature
Temperature (
oC)
Fig.1 : Total Supply Current vs. Supply Voltage
Fig.2 : Total Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com