Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1532 Datasheet(PDF) 5 Page - Interpion semiconductor

Part # IP1532
Description  TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1532 Datasheet(HTML) 5 Page - Interpion semiconductor

  IP1532 Datasheet HTML 1Page - Interpion semiconductor IP1532 Datasheet HTML 2Page - Interpion semiconductor IP1532 Datasheet HTML 3Page - Interpion semiconductor IP1532 Datasheet HTML 4Page - Interpion semiconductor IP1532 Datasheet HTML 5Page - Interpion semiconductor IP1532 Datasheet HTML 6Page - Interpion semiconductor IP1532 Datasheet HTML 7Page - Interpion semiconductor IP1532 Datasheet HTML 8Page - Interpion semiconductor IP1532 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
- 5 -
August. 2002 (Rev.11)
WWW.INTERPIONSEMI.COM
IP1532
TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
ELECTRICAL CHARACTERISTICS (Continued)
( Vin= 5.25V, Co=10uF, Ta = 25OC, unless otherwise specified.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
2.55V REGULATOR PART
Output Voltage
Vout3
Io=10mA
2.473
2.55
2.626
V
Line Regulation
dVline3
Vin=4.5~6V, Io=10mA
-
0.035
0.2
%
Load Regulation
dVload3
Vin=5.25V, 10mA < Io < 300mA
-
0.4
0.8
%
Dropout voltage
Vdrop3
Io=300mA
1.7
2.1
V
Ripple rejection
RR3
F=120Hz, Co=10uF Tantalum
(Vin-Vout)=3V, Io=100mA
60
70
dB
Current limit *Note
Ilimit3
Vin-Vout=3.0V
500
-
-
mA
Temperature
stability
Temp3
-
-
0.5
-
%
On voltage
Von
Vout=Enabled
-
-
0.8
V
Off voltage
Voff
Vout=Disabled
2.0
-
-
V
ON/OFF CONTROL PART
Output noise
voltage 3
Vn3
Io=150mA
-
100
-
uV
* Note
Don’t exceed following current limit.
( Iout1 : 550 mA, Iout2 : 120 mA, Iout3 : 500 mA )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com