Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1532 Datasheet(PDF) 2 Page - Interpion semiconductor

Part # IP1532
Description  TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1532 Datasheet(HTML) 2 Page - Interpion semiconductor

  IP1532 Datasheet HTML 1Page - Interpion semiconductor IP1532 Datasheet HTML 2Page - Interpion semiconductor IP1532 Datasheet HTML 3Page - Interpion semiconductor IP1532 Datasheet HTML 4Page - Interpion semiconductor IP1532 Datasheet HTML 5Page - Interpion semiconductor IP1532 Datasheet HTML 6Page - Interpion semiconductor IP1532 Datasheet HTML 7Page - Interpion semiconductor IP1532 Datasheet HTML 8Page - Interpion semiconductor IP1532 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
- 2 -
August. 2002 (Rev.11)
WWW.INTERPIONSEMI.COM
IP1532
TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
PIN DESCRIPTIONS
NO
SYMBOL
I/O
DESCRIPTION
1
VIN
I
Input Supply Voltage
2
VOUT1
O
Reg +3.3V Output
3
VOUT2
O
Reg +1.65V Output
4
ON/OFF
I
ON/OFF Control
5
VOUT3
O
Reg +2.55V Output
6
N/C
-
No Connection
7
N/C
-
No Connection
8
PGND
-
Power Ground
PIN CONNECTIONS
VOUT2
VIN
VOUT1
ON/OFF
PGND
VOUT3
N/C
PGND
N/C
1
2
6
4
5
3
7
IP1532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com