Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1532 Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP1532
Description  TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1532 Datasheet(HTML) 1 Page - Interpion semiconductor

  IP1532 Datasheet HTML 1Page - Interpion semiconductor IP1532 Datasheet HTML 2Page - Interpion semiconductor IP1532 Datasheet HTML 3Page - Interpion semiconductor IP1532 Datasheet HTML 4Page - Interpion semiconductor IP1532 Datasheet HTML 5Page - Interpion semiconductor IP1532 Datasheet HTML 6Page - Interpion semiconductor IP1532 Datasheet HTML 7Page - Interpion semiconductor IP1532 Datasheet HTML 8Page - Interpion semiconductor IP1532 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
- 1 -
August. 2002 (Rev.11)
WWW.INTERPIONSEMI.COM
IP1532
TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
The IP1532 is a triple output voltage series
regulator
which can provide up to 500mA of output current.
The IP1532 consists of 1-fixed 3.3V, 1-fixed 2.55V and
1-fixed 1.65V regulators.
- 1-Fixed 3.3V Regulator with Internal NPN TR.
- 1-Fixed 2.55V Regulator with Internal NPN TR.
- 1-Fixed 1.65V Regulator with iInternal NPN TR.
- Built-in TSD circuit.
- Built-in Current Limit Circuit.
- Built-in ON/OFF Control Circuit.
- Built-in Over Voltage Protection Circuit.
- Output Trimmed to +/-3% Tolerance
DESCRIPTION
FEATURES
Device
Package
Operating Temp
IP1532
14SOPH-8L
-35OC ~ +85OC
ORDERING INFORMATION
14SOPH-8L
BLOCK DIAGRAM
VOUT2
VIN
VOUT1
ON/OFF
PGND
VOUT3
1
2
6
4
5
3
N/C
7
PGND
Vref
ON/OFF
Control SW
TSD
OVP
OCL
N/C
SHUT
DOWN


Similar Part No. - IP1532

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP1531 INTERPION-IP1531 Datasheet
244Kb / 13P
TRIPLE OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - IP1532

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3L01 STMICROELECTRONICS-ST3L01 Datasheet
542Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
ST3M01 STMICROELECTRONICS-ST3M01 Datasheet
287Kb / 11P
TRIPLE VOLTAGE REGULATOR
Nov-2000
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471 Datasheet
217Kb / 26P
Triple Voltage Regulator
Rev. 1.1 2001-09-06
logo
Interpion semiconductor
IP1531 INTERPION-IP1531 Datasheet
244Kb / 13P
TRIPLE OUTPUT VOLTAGE LDO REGULATOR
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
Triple-Output Charge Pump Regulator
logo
Infineon Technologies A...
TLE4418G INFINEON-TLE4418G Datasheet
85Kb / 10P
Triple Voltage Regulator
Rev. 0.1 2001-12-10
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
413Kb / 24P
Triple Output, Low Voltage DC/DC 關Module Regulator
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471_09 Datasheet
425Kb / 24P
Triple Voltage Regulator
Rev. 1.6, 2009-02-03
logo
STMicroelectronics
ST3L01K7R STMICROELECTRONICS-ST3L01K7R Datasheet
571Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
logo
Linear Technology
LTM4615 LINER-LTM4615_15 Datasheet
524Kb / 24P
Triple Output, Low Voltage DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com