Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1532 Datasheet(PDF) 13 Page - Interpion semiconductor

Part # IP1532
Description  TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1532 Datasheet(HTML) 13 Page - Interpion semiconductor

Back Button IP1532 Datasheet HTML 8Page - Interpion semiconductor IP1532 Datasheet HTML 9Page - Interpion semiconductor IP1532 Datasheet HTML 10Page - Interpion semiconductor IP1532 Datasheet HTML 11Page - Interpion semiconductor IP1532 Datasheet HTML 12Page - Interpion semiconductor IP1532 Datasheet HTML 13Page - Interpion semiconductor IP1532 Datasheet HTML 14Page - Interpion semiconductor IP1532 Datasheet HTML 15Page - Interpion semiconductor IP1532 Datasheet HTML 16Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
- 13 -
August. 2002 (Rev.11)
WWW.INTERPIONSEMI.COM
IP1532
TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
ELECTRICAL CHARACTERISTICS CURVES (Continued)
0
200
400
600
800
1000
1200
2.48
2.50
2.52
2.54
2.56
2.58
VOUT3 Load Regulation (Tj=25
oC)
Output Current (mA)
-50
0
50
100
150
1.630
1.635
1.640
1.645
1.650
1.655
1.660
1.665
1.670
VREF TEMPERTURE STABILITY
TEMP (
OC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com