Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5354ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5354ACPZ-R7
Description  2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5354ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5354ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADL5354
Data Sheet
Rev. A | Page 8 of 24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2332 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
400
380
360
340
320
390
370
350
330
310
300
–40
80
60
40
20
0
–20
70
50
30
10
–10
–30
TEMPERATURE (°C)
VS = 5.25V
VS = 4.75V
VS = 5.00V
Figure 9. Supply Current vs. Temperature
–40
80
60
40
20
0
–20
70
50
30
10
–10
–30
9.4
9.2
9.0
8.8
8.6
8.4
8.2
8.0
7.8
TEMPERATURE (°C)
VS = 5.25V
VS = 4.75V
VS = 5.00V
Figure 10. Power Conversion Gain vs. Temperature
–40
80
60
40
20
0
–20
70
50
30
10
–10
–30
29
27
28
26
25
24
23
22
21
TEMPERATURE (°C)
VS = 5.25V
VS = 4.75V
VS = 5.00V
Figure 11. Input IP3 vs. Temperature
–40
80
60
40
20
0
–20
70
50
30
10
–10
–30
53
51
52
50
49
48
47
46
TEMPERATURE (°C)
VS = 5.25V
VS = 4.75V
VS = 5.00V
Figure 12. Input IP2 vs. Temperature
–40
80
60
40
20
0
–20
70
50
30
10
–10
–30
15
10
12
9
11
14
13
8
7
6
5
TEMPERATURE (°C)
VS = 5.25V
VS = 4.75V
VS = 5.00V
Figure 13. Input P1dB vs. Temperature
–40
80
60
40
20
0
–20
70
50
30
10
–10
–30
12.0
9.5
10.5
9.0
10.0
11.5
11.0
8.5
8.0
7.5
7.0
TEMPERATURE (°C)
VS = 5.25V
VS = 4.75V
VS = 5.00V
Figure 14. SSB Noise Figure vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com