Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5354ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5354ACPZ-R7
Description  2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5354ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5354ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADL5354
Rev. A | Page 19 of 24
2
3
1
36
35
34
33
32
31
30
29
28
10
11
12
13
14
15
16
17
18
4
6
7
5
8
9
26
25
27
24
22
21
23
20
19
ADL5354
VCC
C3
C23
C2
R12
R13
R7
R16
VCC
VCC
VCC
C22
C25
C18
C8
C21
R1
L1
L2
R3
L6
R2
MAIN_IN
C9
Z1
Z2
DIV_IN
C11
Z3
Z4
C6
C7
LO2
C16
C34
R8
R14
R19
R15
R11
R17
VCC
C26
C15
LO1
C14
VCC
R4
R5
C24
C13
L3
VCC
R9
C30
C31
T2
DIV_OUTP
DIV_OUTN
VCC
C10
GND
+
C1
C12
C28
R6
C20
L5
L4
C29
VCC
R10
C33
C32
T1
MAIN_OUTN
MAIN_OUTP
C27
C19
C17
VCC
Figure 52. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com