Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5354ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5354ACPZ-R7
Description  2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5354ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5354ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5354
Data Sheet
Rev. A | Page 10 of 24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2332 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
–6
10
8
6
4
2
0
–2
–4
12
11
10
8
9
7
5
6
LO POWER (dBm)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 21. Power Conversion Gain vs. LO Power
–6
10
8
6
4
2
0
–2
–4
32
28
30
26
22
24
20
16
18
LO POWER (dBm)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 22. Input IP3 vs. LO Power
–6
10
8
6
4
2
0
–2
–4
58
52
54
56
50
46
48
44
40
42
LO POWER (dBm)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 23. Input IP2 vs. LO Power
–6
10
8
6
4
2
0
–2
–4
12.0
8.0
8.4
8.8
9.2
9.6
10.0
10.4
10.8
11.2
11.6
LO POWER (dBm)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 24. Input P1dB vs. LO Power
–66
–80
–78
–76
–74
–72
–70
–68
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 25. IF/2 Spurious vs. RF Frequency, RF Power = −10 dBm
–60
–74
–72
–70
–68
–66
–64
–62
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 26. IF/3 Spurious vs. RF Frequency, RF Power = −10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com