Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5354ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5354ACPZ-R7
Description  2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5354ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5354ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5354ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5354
Data Sheet
Rev. A | Page 12 of 24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2332 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ,
R2 = R5 = 1 kΩ, ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
60
30
35
40
45
50
55
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 33. LO Switch Isolation vs. RF Frequency
–30
–31
–32
–33
–34
–35
–36
–37
–38
–39
–40
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 34 RF-to-IF Isolation vs. RF Frequency
0
–5
–10
–15
–20
–25
–30
–35
–40
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 35. LO-to-IF Leakage vs. LO Frequency
–30
–48
–44
–46
–42
–40
–38
–36
–34
–32
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 36. LO-to-RF Leakages vs. LO Frequency
0
–50
–45
–40
–35
–30
–25
–20
–10
–5
–15
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
LO FREQUENCY (GHz)
2 × LO-TO-RF
2 × LO-TO-IF
Figure 37. 2 × LO Leakage vs. LO Frequency
–30
–70
–65
–60
–55
–50
–45
–40
–35
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
LO FREQUENCY (GHz)
3 × LO-TO-RF
3 × LO-TO-IF
Figure 38. 3 × LO Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com