Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069208 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1069208
Description  Controller - AXC F 3152
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069208 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1069208 Datasheet HTML 1Page - PHOENIX CONTACT 1069208 Datasheet HTML 2Page - PHOENIX CONTACT 1069208 Datasheet HTML 3Page - PHOENIX CONTACT 1069208 Datasheet HTML 4Page - PHOENIX CONTACT 1069208 Datasheet HTML 5Page - PHOENIX CONTACT 1069208 Datasheet HTML 6Page - PHOENIX CONTACT 1069208 Datasheet HTML 7Page - PHOENIX CONTACT 1069208 Datasheet HTML 8Page - PHOENIX CONTACT 1069208 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
https://www.phoenixcontact.com/us/products/1069208
12/24/2021   Page 3 / 10
Controller - AXC F 3152 - 1069208
Technical data
IEC 61131 runtime system
MATLAB® Simulink®
Program memory
16 Mbyte
Data storage
32 Mbyte
Retentive data storage
1 Mbyte
Realtime clock
Yes
Accuracy realtime clock
0.7 s/day = 8 ppm at 25 °C
Fieldbus function
Amount of process data
max. 1482 Byte (per station (total input and output data))
max. 1024 Byte (Axioline F local bus (input))
max. 1024 Byte (Axioline F local bus (output))
Number of supported devices
max. 63 (per station)
Number of local bus devices that can be connected
max. 63 (observe current consumption)
Program memory
16 Mbyte
Data interfaces
Interface
Axioline F local bus
Number
1
Connection method
Bus base module
Transmission speed
100 Mbps
Interface
Ethernet
Number
3
Connection method
RJ45 jack
Transmission speed
10/100/1000 Mbps
Protocols supported
HTTP
HTTPS
SFTP
SNTP
SNMP
IPsec
syslog
OPC UA
PROFINET
Device function
PROFINET controller, PROFINET device
Specification
Version 2.3
Update rate
min. 1 ms (32 participants)
min. 2 ms (64 devices)
min. 4 ms (128 participants)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com