Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069208 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1069208
Description  Controller - AXC F 3152
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069208 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1069208 Datasheet HTML 1Page - PHOENIX CONTACT 1069208 Datasheet HTML 2Page - PHOENIX CONTACT 1069208 Datasheet HTML 3Page - PHOENIX CONTACT 1069208 Datasheet HTML 4Page - PHOENIX CONTACT 1069208 Datasheet HTML 5Page - PHOENIX CONTACT 1069208 Datasheet HTML 6Page - PHOENIX CONTACT 1069208 Datasheet HTML 7Page - PHOENIX CONTACT 1069208 Datasheet HTML 8Page - PHOENIX CONTACT 1069208 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
https://www.phoenixcontact.com/us/products/1069208
12/24/2021   Page 2 / 10
Controller - AXC F 3152 - 1069208
Technical data
Dimensions
Width
100 mm
Height
126.93 mm
Depth
75 mm
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-25 °C ... 60 °C up to 2000 m above mean sea level (observe derating)
-25 °C ... 55 °C up to 3000 m above mean sea level (observe derating)
≤ 55 °C (with max. 1 A on UBus)
> 55 °C ... 60 °C (only in conjunction with an Axioline F power module AXL
F PWR 1H (order number 2688297))
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 % (according to DIN EN 61131-2)
Permissible humidity (storage/transport)
5 % ... 95 % (according to DIN EN 61131-2)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
58 kPa ... 106 kPa (up to 4500 m above mean sea level)
IoT capability
Supports cloud computing
yes
IoT platform
PROFICLOUD
Control system
Engineering tool
PLCnext Engineer
Eclipse
MATLAB® Simulink®
Programming languages supported
Programming in acc. with IEC 61131-3
C++
C#
Java
Manufacturer-specific
General data
Processor
Intel® Atom™ x5-E3930 2x 1.3 GHz
Operating system
Linux
RAM
2048 Mbyte
IEC 61131 runtime system
Engineering tool
PLCnext Engineer
Eclipse



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com