Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069208 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1069208
Description  Controller - AXC F 3152
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069208 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1069208 Datasheet HTML 1Page - PHOENIX CONTACT 1069208 Datasheet HTML 2Page - PHOENIX CONTACT 1069208 Datasheet HTML 3Page - PHOENIX CONTACT 1069208 Datasheet HTML 4Page - PHOENIX CONTACT 1069208 Datasheet HTML 5Page - PHOENIX CONTACT 1069208 Datasheet HTML 6Page - PHOENIX CONTACT 1069208 Datasheet HTML 7Page - PHOENIX CONTACT 1069208 Datasheet HTML 8Page - PHOENIX CONTACT 1069208 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
https://www.phoenixcontact.com/us/products/1069208
12/24/2021   Page 4 / 10
Controller - AXC F 3152 - 1069208
Technical data
Mechanical design
Weight
498 g
Note on weight specifications
with connector and bus base module
Controller redundancy
yes
Note on controller redundancy
applicative system redundancy possible
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Interference emission
Noise emission test according to EN 61000-6-3/IEC 61000-6-3
Immunity to surge
Immunity test in accordance with EN 61000-6-2/IEC 61000-6-2 Transient
overvoltage (surge) EN 61000-4-5/IEC 61000-4-5 Criterion B, DC supply
lines: ±0.5 kV/±0.5 kV (symmetrical/asymmetrical), fieldbus cable shield:
±1 kV
Immunity to burst
Immunity test in accordance with EN 61000-6-2/IEC 61000-6-2 Fast
transients (burst) EN 61000-4-4/IEC 61000-4-4 Criterion B, 2 kV
Immunity to EF
Immunity test in accordance with EN 61000-6-2/IEC 61000-6-2
Electromagnetic fields EN 61000-4-3/IEC 61000-4-3 Criterion A, Field
intensity: 10 V/m
Immunity to ESD
Immunity test in accordance with EN 61000-6-2/IEC 61000-6-2
Electrostatic discharge (ESD) EN 61000-4-2/IEC 61000-4-2 Criterion B, 6
kV contact discharge, 8 kV air discharge
Immunity to conducted interference
Immunity test in accordance with EN 61000-6-2/IEC 61000-6-2 Conducted
interference EN 61000-4-6/IEC 61000-4-6 Criterion A, Test voltage 10 V
Vibration (operation)
5g (according to EN 60068-2-6/IEC 60068-2-6)
Shock (operation)
30g (according to EN 60068-2-27/IEC 60068-2-27)
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com