Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069208 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1069208
Description  Controller - AXC F 3152
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069208 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1069208 Datasheet HTML 1Page - PHOENIX CONTACT 1069208 Datasheet HTML 2Page - PHOENIX CONTACT 1069208 Datasheet HTML 3Page - PHOENIX CONTACT 1069208 Datasheet HTML 4Page - PHOENIX CONTACT 1069208 Datasheet HTML 5Page - PHOENIX CONTACT 1069208 Datasheet HTML 6Page - PHOENIX CONTACT 1069208 Datasheet HTML 7Page - PHOENIX CONTACT 1069208 Datasheet HTML 8Page - PHOENIX CONTACT 1069208 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/us/products/1069208
12/24/2021   Page 1 / 10
Controller - AXC F 3152 - 1069208
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLCnext Control for the direct control of Axioline F I/Os. With three independent Ethernet interfaces. Complete
with connector and bus base module.
Product Description
The controllers of the PLCnext Control AXC F 3152 family for the Axioline I/O system are fast, robust, and easy to use. They were consistently designed
for maximum performance, easy handling and use in harsh industrial environments.
Your advantages
 Linux operating system
 Supports high-level languages
 Up to 63 AXIO I/O modules can be mounted side by side
 3 independent Ethernet interfaces
 Increased resistance to EMI
 Extended temperature range of -25°C ... +60°C
 PROFINET controller and PROFINET device
 Use of up to two left-alignable extension modules
 Connection to PROFICLOUD
 Numerous protocols supported such as: http, https, FTP, SNTP, SNMP, SMTP, SQL, MySQL, DCP, etc.
 Optional pluggable fan module allows reliable operation, even under challenging ambient conditions.
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626741192
Weight per Piece (excluding packing)
680.000 g
Custom tariff number
85371091
Country of origin
Germany


Similar Part No. - 1069208

ManufacturerPart #DatasheetDescription
logo
Heyco.
10692 HEYCO-10692 Datasheet
133Kb / 1P
Nylon PCB Supports - Threaded Male
logo
Vicor Corporation
10692-01 VICOR-10692-01 Datasheet
39Kb / 1P
MODULE STANDOFF, 1/4 HEX, .525 LG, #6 FEM
More results

Similar Description - 1069208

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020304 PHOENIX-1020304 Datasheet
343Kb / 18P
AXC F IL ADAPT
2403018 PHOENIX-2403018 Datasheet
254Kb / 5P
Extension module - AXC F XT IB
2403115 PHOENIX-2403115 Datasheet
397Kb / 12P
AXC F XT ETH 1TX
1159811 PHOENIX-1159811 Datasheet
360Kb / 9P
Extension module - AXC F XT SPLC 1000
12/24/2021
1091657 PHOENIX-1091657 Datasheet
413Kb / 9P
PLC extension module - AXC F XT PB
Nov 3, 2022
1383116 PHOENIX-1383116 Datasheet
342Kb / 7P
PLC extension module - AXC F XT KIT
Nov 3, 2022
2700988 PHOENIX-2700988 Datasheet
658Kb / 19P
Controller - AXC 1050
Dec 8, 2022
2701582 PHOENIX-2701582 Datasheet
110Kb / 5P
Bus connector - AXC BS
Dec 8, 2022
1139999 PHOENIX-1139999 Datasheet
347Kb / 8P
PLC extension module - AXC F XT EXP
Dec 7, 2022
1151412 PHOENIX-1151412 Datasheet
453Kb / 13P
Controller - AXC F 1152
Dec 7, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com