Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010ACPZN-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL6010ACPZN-R2
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010ACPZN-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADL6010ACPZN-R2 Datasheet HTML 1Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 2Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 3Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 4Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADL6010
Rev. E | Page 3 of 23
SPECIFICATIONS
VPOS = 5.0 V, TA = 25°C, 50 Ω source input impedance, single-ended input drive, unless otherwise stated.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ1
Max
Unit
RF INPUT INTERFACE
RFIN pin
Operating Frequency
0.5
43.5
GHz
Nominal Input Impedance
Single-ended input drive, see the Theory of Operation section
50
Ω
FREQUENCY = 500 MHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
Continuous wave (CW) input
44
dB
Maximum Input Level, ±1 dB
Three point calibration at −26 dBm, −14 dBm, and +5 dBm
16
dBm
Minimum Input Level, ±1 dB
Three point calibration at −26 dBm, −14 dBm, and +5 dBm
−28
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, input power (PIN) = +10 dBm
+0.2/−0.1
dB
−55°C < TA < +125°C, PIN = +10 dBm
+0.3/−0.2
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.7/−0.6
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.9/−1.2
dB
Slope
Calibration at −14 dBm and +5 dBm
2.2
V/ VPEAK
Intercept
Calibration at −14 dBm and +5 dBm
0.3
V
Output Voltage
PIN = +10 dBm
2.2
V
PIN = −10 dBm
0.19
V
FREQUENCY = 1 GHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
CW input
45
dB
Maximum Input Level, ±1 dB
Three point calibration at −25 dBm, −10 dBm, and +8 dBm
15
dBm
Minimum Input Level, ±1 dB
Three point calibration at −25 dBm, −10 dBm, and +8 dBm
−30
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = +10 dBm
+0.1/−0.1
dB
−55°C < TA < +125°C, PIN = +10 dBm
+0.2/−0.2
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.3/−0.3
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.4/−0.6
dB
Slope
Calibration at −10 dBm and +8 dBm
2.2
V/VPEAK
Intercept
Calibration at −10 dBm and +8 dBm
0.5
V
Output Voltage
PIN = +10 dBm
2.25
V
PIN = −10 dBm
0.22
V
FREQUENCY = 5 GHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
CW input
46
dB
Maximum Input Level, ±1 dB
Three point calibration at −25 dBm, −10 dBm, and +8 dBm
16
dBm
Minimum Input Level, ±1 dB
Three point calibration at −25 dBm, −10 dBm, and +8 dBm
−30
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = +10 dBm
+0.2/−0.1
dB
−55°C < TA < +125°C, PIN = +10 dBm
+0.3/−0.2
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.2/−0.2
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.3/−0.4
dB
Slope
Calibration at −10 dBm and +8 dBm
2.1
V/VPEAK
Intercept
Calibration at −10 dBm and +8 dBm
0.5
V
Output Voltage
PIN = +10 dBm
2.2
V
PIN = −10 dBm
0.22
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com