Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010ACPZN-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL6010ACPZN-R2
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010ACPZN-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL6010ACPZN-R2 Datasheet HTML 2Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 3Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 4Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 9Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADL6010
Data Sheet
Rev. E | Page 6 of 23
Parameter
Test Conditions/Comments
Min
Typ1
Max
Unit
FREQUENCY = 40 GHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
CW input
42
dB
Maximum Input Level, ±1 dB
Three point calibration at −20 dBm, 0 dBm, and +10 dBm
17
dBm
Minimum Input Level, ±1 dB
Three point calibration at −20 dBm, 0 dBm, and +10 dBm
−25
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = +10 dBm
+0.2/−0.2
dB
−55°C < TA < +125°C, PIN = +10 dBm
+0.3/−0.3
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.5/−0.5
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.6/−0.9
dB
Slope
Calibration at 0 dBm and 10 dBm
1.7
V/VPEAK
Intercept
Calibration at 0 dBm and 10 dBm
0.4
V
Output Voltage
PIN = +10 dBm
1.64
V
PIN = −10 dBm
0.135
V
FREQUENCY = 43.5 GHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
CW input
41
dB
Maximum Input Level, ±1 dB
Three point calibration at −20 dBm, 0 dBm, and +10 dBm
17
dBm
Minimum Input Level, ±1 dB
Three point calibration at −20 dBm, 0 dBm, and +10 dBm
−24
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = +10 dBm
+0.6/−0.4
dB
−55°C < TA < +125°C, PIN = +10 dBm
+0.7/−0.7
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.7/−0.5
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.8/−1.1
dB
Slope
Calibration at 0 dBm and 10 dBm
1.6
V/VPEAK
Intercept
Calibration at 0 dBm and 10 dBm
0.35
V
Output Voltage
PIN = +10 dBm
1.46
V
PIN = −10 dBm
0.118
V
OUTPUT INTERFACE
Pin VOUT
DC Output Resistance
<5
Ω
Output Offset
PIN = off
4
mV
Maximum Output Voltage
TA = 25°C, VPOS = 5.0 V, PIN = 19 dBm
4.3
V
Available Output Current
Sourcing/sinking
5/0.3
mA
Rise Time
PIN = off to 0 dBm, 10% to 90%, CLOAD = 10 pF ,RSERIES = 100 Ω
4
ns
Fall Time
PIN = off to 0 dBm, 10% to 90%, CLOAD = 10 pF, RSERIES = 100 Ω
50
ns
Envelope Bandwidth
3 dB bandwidth
40
MHz
POWER SUPPLIES
Pin VPOS
Supply Voltage
4.75
5.0
5.25
V
Quiescent Current
TA = 25°C, no signal at RFIN, VPOS = 5.0 V
1.6
mA
−40°C < TA < +85°C
2.0
mA
−55°C < TA < +125°C
2.2
mA
1
Slashes in the typical (typ) column indicate a range. For example, −0.2/+0.1 means −0.2 to +0.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com