Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010ACPZN-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL6010ACPZN-R2
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010ACPZN-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL6010ACPZN-R2 Datasheet HTML 9Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 10Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 11Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 12Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 13Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 14Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 15Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADL6010
Rev. E | Page 13 of 23
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
15
5
–5
–15
–25
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –25dBm, 0dBm, AND +10dBm
Figure 28. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 35 GHz
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –20dBm, 0dBm, AND +10dBm
Figure 29. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 43.5 GHz
14
12
10
8
6
4
2
5000
4000
3000
2000
1000
0
OFFSET (mV)
REPRESENTS MORE THAN 11,000 PARTS
Figure 30. Distribution of VOUT Offset with No Applied PIN at 25°C
1.98
1.92
1.86
1.80
1.74
1.68
1.62
5000
4000
3000
2000
1000
0
OUTPUT VOLTAGE (V)
REPRESENTS MORE THAN
11,000 PARTS
Figure 31. Output Voltage (VOUT) Distribution, PIN = 9 dBm at 12 GHz, 25°C
1.92
1.84
1.76
1.68
1.60
1.52
3500
3000
2500
2000
1500
1000
500
0
QUIESCENT CURRENT (mA)
REPRESENTS MORE THAN 11,000 PARTS
Figure 32. Distribution of Quiescent Current at 25°C
0.28
0.27
0.26
0.25
0.24
0.23
0.22
5000
4000
3000
2000
1000
0
OUTPUT VOLTAGE (V)
REPRESENTS MORE
THAN 11,000 PARTS
Figure 33. Output Voltage (VOUT) Distribution, PIN = −9 dBm at 12 GHz, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com