Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010ACPZN-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL6010ACPZN-R2
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010ACPZN-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL6010ACPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 9Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 10Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 11Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 12Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 13Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADL6010
Data Sheet
Rev. E | Page 10 of 23
–8
–7
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
FREQUENCY (MHz)
Figure 10. Envelope Bandwidth of VOUT vs. Frequency at PIN = −10 dBm and
Modulation Depth = 10% (See Figure 39 in the Measurement Setups Section)
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
15
5
–5
–15
–25
PIN (dBm)
CALIBRATION AT –26dBm, –14dBm, AND +5dBm
–55°C
–40°C
+25°C
+85°C
+125°C
Figure 11. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 0.5 GHz
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –25dBm, –10dBm, AND +8dBm
Figure 12. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 1 GHz
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –25dBm, –10dBm, AND +8dBm
Figure 13. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 5 GHz
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
Figure 14. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 10 GHz
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
15
5
–5
–15
–25
PIN (dBm)
CALIBRATION AT –25dBm, –10dBm, AND +8dBm
–55°C
–40°C
+25°C
+85°C
+125°C
Figure 15. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com