Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8613Y232ACBZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM8613Y232ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8613Y232ACBZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM8613Y232ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Data Sheet
Rev. G | Page 4 of 17
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
WATCHDOG INPUT, WDI (ADM8613,
ADM8614, ADM8615)
Watchdog Timeout Period1
tWD
ADM8613, ADM8615
tWD − 13%
tWD
tWD + 19%
sec
ADM8614
tWD − 13%
tWD
tWD + 19%
sec
Base period, WD_SEL low
tWD − 13%
tWD
tWD + 19%
sec
Extended period, WD_SEL high
Leakage Current
5
nA
VWDI = VCC = 5.5 V
Input Threshold
High
0.9
V
Low
0.4
V
WDI Pulse Width
tWPR
85
ns
High pulse
tWPF
300
ns
Low pulse
WDI Glitch Rejection
60
ns
RESET OUTPUT
Output Voltage Low
VRST_OL
0.4
V
VCC > 4.25 V, ISINK = 6.5 mA
0.4
V
VCC > 2.5 V, ISINK = 6 mA
0.4
V
VCC > 1.2 V, ISINK = 4.6 mA
0.4
V
VCC > 0.9 V, ISINK = 0.9 mA
Leakage Current
5
nA
V
RESET = VCC = 5.5 V
MANUAL RESET INPUT, MR (ADM8611,
ADM8612, ADM8613, ADM8615)
VIL
0.4
V
VIH
0.9
V
MR Minimum Input Pulse Width
1
μs
MR Glitch Rejection
0.4
μs
MR To Reset Delay
tD_MR
0.65
μs
MR Pull-Up Resistance
300
600
900
kΩ
WATCHDOG TIMEOUT DISABLE INPUT,
WD_DIS (ADM8613, ADM8614)
VIL
0.4
V
VIH
0.9
V
Leakage Current
−5
+5
nA
VWD_DIS = 0 V to VCC
Glitch Rejection
0.1
μs
WATCHDOG TIMEOUT SELECTION
INPUT, WDT_SEL (ADM8614)
VIL
0.4
V
VIH
0.9
V
Leakage Current
−5
+5
nA
VWDT_SEL = 0 V to VCC
1 Not all device options are available as standard models. See the Ordering Guide for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com