Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8613Y232ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM8613Y232ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8613Y232ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM8613Y232ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Data Sheet
Rev. G | Page 6 of 17
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. ADM8611 Pin Configuration
Table 4. ADM8611 Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VCC
Power Supply Input. The voltage on the VCC pin is monitored on the ADM8611. It is recommended to place a
0.1 μF decoupling capacitor as close as possible to the device between the VCC pin and the GND pin.
A2
GND
Ground. Both GND pins on the ADM8611 must be grounded.
B1
DNC
Do Not Connect. Do not connect to this pin.
B2
GND
Ground. Both GND pins on the ADM8611 must be grounded.
C1
MR
Manual Reset Input, Active Low.
C2
RESET
Active Low, Open-Drain RESET Output.
Figure 4. ADM8612 Pin Configuration
Table 5. ADM8612 Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VCC
Power Supply Input. The voltage on the VCC pin is not monitored on the ADM8612. It is recommended to place a
0.1 μF decoupling capacitor as close as possible to the device between the VCC pin and the GND pin.
A2
GND
Ground. Both GND pins on the ADM8612 must be grounded.
B1
MR
Manual Reset Input, Active Low.
B2
GND
Ground. Both GND pins on the ADM8612 must be grounded.
C1
VIN
Low Voltage Monitoring Input. This separate supply input allows the ADM8612 to monitor low voltages on the
VIN pin to 0.5 V.
C2
RESET
Active Low, Open-Drain RESET Output.
DNC = DO NOT CONNECT.
DO NOT CONNECT TO THIS PIN.
MR
VCC
GND
DNC
RESET
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
2
BALL A1
INDICATOR
GND
MR
VCC
GND
VIN
RESET
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
2
BALL A1
INDICATOR
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com