Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8613Y232ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM8613Y232ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8613Y232ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM8613Y232ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Data Sheet
Rev. G | Page 10 of 17
Figure 14. VIN Leakage Current vs. Temperature
Figure 15. Normalized Falling Threshold vs. Temperature
Figure 16. Maximum Transient Duration vs. Input Overdrive,
VCC and VIN Falling
Figure 17. Normalized Reset Timeout Period vs. Temperature
Figure 18. Normalized Watchdog Timeout Period vs. Temperature
Figure 19. RESET Pin Leakage vs. RESET Pin Voltage
0
1
2
3
4
5
6
7
8
–40 –30 –20 –10
010
20
30
40
50
60
70
80
TEMPERATURE (°C)
VCC = 5.5V
VCC = 3.3V
VCC = 2V
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
–40
–20
0
20406080
TEMPERATURE (°C)
VTH = 0.6V
VTH = 2.0V
VTH = 3.3V
VTH = 4.7V
0
50
100
150
200
250
300
350
1
10
100
INPUT OVERDRIVE (mV)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–40 –30 –20 –10
0
10
2030405060
708090
TEMPERATURE (°C)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–40
–20
0
20406080
TEMPERATURE (°C)
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0
0.51.01.52.02.5
3.0
3.54.04.55.05.5
RESET PIN VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com