Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8613Y232ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM8613Y232ACBZ-R7
Description  Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8613Y232ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM8613Y232ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADM8613Y232ACBZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
ADM8611/ADM8612/ADM8613/ADM8614/ADM8615
Rev. G | Page 15 of 17
DEVICE MODEL OPTIONS
The ADM8611/ADM8612/ADM8613/ADM8614/ADM8615 include many device options; however, not all options are released for sale.
Released options are called standard models and are listed in the Ordering Guide. For the most up to date list of standard models, refer to
the Analog Devices website at www.analog.com/supervisory. Contact an Analog Devices sales representative for information on nonstandard
models, and be aware that samples and production units have long lead times.
Table 9. Selection Table
Device
Number
Low Voltage
Monitoring
Manual
Reset
Watchdog
Timer
Watchdog Disable
Input
Watchdog Timeout
Selection Input
ADM8611
No
Yes
No
No
No
ADM8612
Yes
Yes
No
No
No
ADM8613
No
Yes
Yes
Yes
No
ADM8614
No
No
Yes
Yes
Yes
ADM8615
Yes
Yes
Yes
No
No
Table 10. ADM8611 VCC Reset Threshold Voltage (VTH) Options (TA = −40°C to +85°C)
Reset Threshold Number
Min
Typ
Max
Unit
200
1.974
2
2.026
V
220
2.171
2.2
2.229
V
232
2.290
2.32
2.350
V
263
2.596
2.63
2.664
V
280
2.764
2.8
2.836
V
293
2.892
2.93
2.968
V
300
2.961
3
3.039
V
308
3.040
3.08
3.120
V
440
4.343
4.4
4.457
V
463
4.570
4.63
4.690
V
Table 11. ADM8612 and ADM8615 VIN Reset Threshold Voltage (VTH) Options (TA = −40°C to +85°C)
Reset Threshold Number
Min
Typ
Max
Unit
050
0.489
0.5
0.511
V
055
0.538
0.55
0.562
V
060
0.588
0.6
0.612
V
065
0.637
0.65
0.663
V
070
0.686
0.7
0.714
V
075
0.736
0.75
0.764
V
080
0.785
0.8
0.815
V
085
0.835
0.85
0.865
V
090
0.885
0.9
0.915
V
095
0.935
0.95
0.965
V
100
0.984
1
1.016
V
110
1.084
1.1
1.116
V
120
1.184
1.2
1.216
V
130
1.283
1.3
1.317
V
140
1.382
1.4
1.418
V
150
1.481
1.5
1.520
V
160
1.579
1.6
1.621
V
170
1.678
1.7
1.722
V
180
1.777
1.8
1.823
V
190
1.875
1.9
1.925
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com