Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1653ACPZ-R7
Description  Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1653ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP1653
Data Sheet
Rev. C | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
HPLED
Regulation Voltage6
Boost active, two high power LEDs (HPLEDs)
in series
0.23
0.32
0.42
V
Regulation Current
INTF = 1, Torch Mode
RSETT = 50 kΩ or SETT = VDD
110
125
145
mA
RSETT = 125 kΩ
35
50
60
mA
Flash Mode
RSETF = 50 kΩ
460
500
550
mA
RSETF = 500 kΩ
35
50
60
mA
INTF = 0, Flash Mode
HPLED register = 11111 (binary), SETF = VDD
460
500
550
mA
HPLED register = 11000 (binary), SETF = VDD
365
395
435
mA
Torch Mode
HPLED register = 00110 (binary), SETF = VDD
110
125
145
mA
HPLED register = 00001 (binary), SETF = VDD
38
50
60
mA
Step Size for HPLED LSB Change
SETF = VDD
15
mA
Maximum Flash Timeout
INTF = 0 or 1, 983,040 × oscillator cycles
820
ms
SETF RESPONSE (TRANSMIT MASKING FUNCTION)7
HPLED current = 335 mA to 140 mA
22
µs
HPLED current = 140 mA to 335 mA
24
µs
1
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). Typical values are at TA = 25°C, VDD = 3.6 V.
2
This is the VDD input voltage range over which the rest of the specifications are valid. The part operates as expected until VDD goes below the UVLO threshold.
3
This is the current into the VDD pin. Additional current can flow into the indicator LED or HPLED, depending on the mode selected.
4
INTF should be tied to GND (INTF = 0) for I2C interface or to VDD (INTF = 1) for hardwire interface. All other digital inputs are 1.8 V compatible.
5
This bias current is active only when the high power LED and/or indicator LED functions are enabled.
6
This specification is not valid during minimum on-time operation of the boost converter (one LED case) when excess voltage is dropped across the HPLED pin.
7
This specification is not production tested but is based on bench evaluation. It is based on the typical two-LED application circuit using a 100 kΩ resistor from SETF to GND,
and a 160 kΩ resistor to a 1.8 V Tx mask logic signal with <1 µs rise/fall time. HPLED register = 11001 (binary). The inductor current has settled to within ±5% of final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com