Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1653ACPZ-R7
Description  Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1653ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP1653
Data Sheet
Rev. C | Page 18 of 24
EXTERNAL COMPONENT SELECTION
Selecting the Inductor
The ADP1653 step-up converter increases the battery voltage to
allow driving one, two, or three LEDs, whose combined voltage
drop is higher than the battery voltage plus the 0.32 V (typical)
current source headroom voltage. This allows the converter to
regulate the HPLED current over the entire battery voltage range
and with a wide variation of LED forward voltage.
Users should choose an inductor value such that the inductor
ripple current is approximately 2/5th of the maximum dc input
load current. In general, lower inductance values have higher
saturation current and lower series resistance for a given physical
size. For most applications, an inductor in the range of 1.5 µH
to 3.3 µH works well.
To determine the inductor ripple current, users should first
calculate the switch duty cycle for the step-up converter, which
is determined by the input voltage (VIN), output voltage (VOUT),
and Schottky forward voltage (VF). VOUT equals the LED voltage
drop plus 320 mV (typical) overhead for the HPLED current
regulator.
D
V
V
V
F
OUT
IN
−
=
+
1
(14)
Solving for D
F
OUT
IN
F
OUT
F
OUT
IN
V
V
V
V
V
V
V
V
D
+
−
+
=
+
−
= 1
The HPLED (output) current is regulated as low as 50 mA
(torch mode) and as high as 500 mA (flash mode). The
maximum dc input current is related to the maximum dc
output current by the following equation:
η
V
V
I
I
IN
OUT
MAX
OUT
MAX
IN
1
)
(
)
(
×


×
=
(15)
where η is efficiency (assume η ≈ 0.80 in the two-LED case).
Choose the initial inductor value by using the equation


+
−
+
×
∆
=
F
OUT
IN
F
OUT
SW
L
IN
V
V
V
V
V
f
I
V
L
(16)
where:
L is the inductor value (reduce L to reduce solution size).
fSW is the switching frequency.
ΔIL is the inductor ripple current, typically 2/5th of the
maximum dc input current.
VF is the forward voltage of the Schottky diode.
The inductor saturation current should be greater than the sum
of the dc input current and half the inductor ripple current.
A reduction in the effective inductance due to saturation increases
the inductor current ripple but improves loop stability, reducing
the amount of output capacitance required. Ensure that the peak
inductor current (dc + 1/2 of inductor ripple) is less than the
LX minimum current limit (1.8 A).
Table 9. Recommended Inductors
Vendor
Value
(µH)
Part No.
DCR
(mΩ)
ISAT
(A)
Dimensions
L × W × H (mm)
Toko
2.2
FDSE0312
145
3.1
3 × 3 × 1.2
Toko
2.0
DE2812C
67
1.8
2.8 × 2.8 × 1.2
Toko
3.3
FDSE0312
199
2.6
3 × 3 × 1.2
Coilcraft
2.2
LPS3010
220
1.4
3 × 3 × 1.0
Coilcraft
2.2
LPS3314
100
1.5
3 × 3 × 1.4
Selecting the Input Capacitor
The ADP1653 requires an input bypass capacitor to supply
transient currents while maintaining constant input and output
voltage. The input capacitor carries the input ripple current,
allowing the input power source to supply only the dc current.
Use an input capacitor with sufficient ripple current rating to
handle the inductor ripple. A 4.7 µF X5R/X7R ceramic capacitor
rated for 6.3 V is the minimum recommended input capacitor.
Increased input capacitance reduces the amplitude of the switching
frequency ripple on the battery. Because of the dc bias charac-
teristics of ceramic capacitors, a 0603, 6.3 V X5R/X7R, 10 µF
ceramic capacitor is preferable.
Table 10. Recommended Input Capacitors
Vendor
Value
Part No.
Dimensions
L × W × H
(mm)
Murata
10 µF, 6.3 V
GRM188R60J106ME47
1.6 × 0.8 × 0.8
TDK
10 µF, 6.3 V
C1608JB0J106K
1.6 × 0.8 × 0.8
Selecting the Diode
The ADP1653 is a nonsynchronous boost and, as such, requires
an external Schottky rectifier to conduct the inductor current to
the output capacitor and HPLEDs when the LX switch is off.
Ensure that the Schottky peak current rating is greater than the
maximum inductor current. Choose a diode with an average
current rating that is significantly larger than the maximum
LED current. To prevent thermal runaway, derate the Schottky
rectifier to ensure reliable operation at high junction temperatures.
To achieve the best efficiency, select a Schottky diode with a low VF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com