Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1653ACPZ-R7
Description  Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1653ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADP1653
Rev. C | Page 19 of 24
Table 11. Recommended Schottky Diodes
Vendor
IPEAK
(A)
IAVE
(A)
VR
(V)
Part No.
Dimensions
L × W × H (mm)
ST
2
1
23
BAT20J
1.65 × 1.25 × 1.0
Rohm
5
1
20
RB161VA-20
1.9 × 1.3 × 0.6
ON Semi
2
1
20
MBR120LSFT1
2.7 × 1.65 × 0.95
Philips
2
2
20
PMEG2020EJ
1.7 × 1.25 × 0.72
Selecting the Output Capacitor
The output capacitor maintains the output voltage and supplies
the HPLED current when the LX switch is on. It also stabilizes
the loop. A 4.7 μF, 16 V X5R/X7R ceramic capacitor is generally
recommended. The minimum required capacitance for loop
stability for the two-LED and one-LED cases is shown in Figure 31
and Figure 32, respectively. Choose a capacitor with a capacitance
greater than the minimum shown in Figure 31 and Figure 32
for the worst-case dc bias voltage and temperature condition.
Note that dc bias characterization data is available from
capacitor manufacturers and should be taken into account
when selecting input and output capacitors. 16 V capacitors are
recommended for most two-LED designs. Designs with 1 mm
height restrictions can also use 0603 case size, 16 V capacitors
in parallel.
Table 12. Recommended Output Capacitors
Vendor
Value
Part No.
Dimensions
L × W × H (mm)
Murata
4.7 μF, 16 V
GRM21BR61C475KA88
2 × 1.25 × 1.25
TDK
4.7 μF, 16 V
C2012X5R1C475K
2 × 1.25 × 1.25
Murata
4.7 μF, 10 V
GRM219R61A475KE34
2 × 1.25 × 0.95
TDK
4.7 μF, 10 V
C1608X5R1A475K
1.6 × 0.8 × 0.8
4.5
0
0500
HPLED CURRENT, 2 LED CASE (mA)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
100
200
300
400
2.2μH + 20%
3.3μH+ 20%
OUT = 6.3V, VDD =3.2V
OUT = 8.3V, VDD =3.2V
OUT = 6.3V, VDD =4.2V
OUT = 8.3V, VDD =4.2V
OUT = 6.3V, VDD =3.2V
OUT = 8.3V, VDD =3.2V
OUT = 6.3V, VDD =4.2V
OUT = 8.3V, VDD =4.2V
Figure 31. Minimum Output Capacitance for L = 3.3 μH + 20% and
L = 2.2 μH + 20% for Two-LED Designs
4.0
0
0
500
HPLED CURRENT, 1 LED CASE (mA)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
50
100
150
200
250
300
350
400
450
2.2μH + 20%
OUT = 3.3V, VDD =3.2V
OUT = 4.3V, VDD =3.2V
OUT = 4.3V, VDD =4.2V
Figure 32. Minimum Output Capacitance for L = 2.2 μH + 20%
for One-LED Design
5.0
0
012
DC BIAS (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
2468
10
–40°C (10V)
+85°C (10V)
Figure 33. DC Bias Characteristic of a 10 V, 4.7 μF Ceramic Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com