Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1653ACPZ-R7
Description  Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1653ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1653ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADP1653
Rev. C | Page 11 of 24
2
3
4
1
CHANNEL 1 (IL) 0.5A/DIV
CHANNEL 2 (IHPLED) 0.2A/DIV
CHANNEL 3 (INT) 5V/DIV
CHANNEL 4 (STR) 5V/DIV
100ms/DIV
Figure 17. Flash Untimed Mode, Two LEDs, Timer = 300 ms,
IHPLED = 380 mA, VDD = 3.6 V
1.5
1.7
1.9
2.1
2.3
2.5
–40
10
60
110
LOW
MEDIUM
HIGH
TEMPERATURE (°C)
Figure 18. Typical Current Limit vs. Temperature;
Low, Medium, and High Current Limit Parts
0.20
0
–40
125
TEMPERATURE (°C)
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
10
60
110
VDD = 3.6V
VDD = 3V
VDD = 5.5V
Figure 19. Shutdown Current vs. Temperature, EN = 0 V
35
0
–50
125
TEMPERATURE (°C)
0
50
100
30
25
20
15
10
5
VDD = 3V
VDD = 3.6V
VDD = 5.5V
Figure 20. Quiescent Current vs. Temperature,
EN = VDD, LED Functions Disabled
1.6
0
06
VDD (V)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1
2345
ILED ENABLED
IQ = 21.5μA
Figure 21. Quiescent Current vs. VDD, VDD Swept from 5.5 V to 0 V,
ILED Active at 2.5 mA Until UVLO Threshold
1.220
1.215
1.210
1.205
1.200
1.195
1.190
1.185
1.180
1.175
1.170
–40
–15
10
35
60
85
110
TEMPERATURE (°C)
3V
3.6V
5.5V
Figure 22. Oscillator Frequency vs. Temperature vs. VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com