Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-1-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP2450ACPZ-1-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-1-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP2450ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
ADP2450
Rev. B | Page 33 of 40
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
In any switching power supply, there are some circuit paths that
carry high dI/dt, the current changing rate, which creates spikes
and noises. Some circuit paths are sensitive to noise, such as
feedback traces, error amplifier input and output traces, which
must be devoid of spikes and noises. The key to proper PCB
layout is to identify these critical paths and arrange the
components and the copper area accordingly to keep the paths
away from noise sources. When designing PCB layouts, be sure
to keep high current loops small. In addition, keep sensitive
trances and components away from the switching nodes and
their associated components.
The following sections describe the recommended layout rules
for the ADP2450. Figure 73 shows a recommended PCB layout
for single coil application.
GROUND PLANES
Use separate analog ground planes and power ground planes.
Connect the ground reference of sensitive analog circuitry, such
as output voltage divider components, amplifier output resistor
and capacitor (RC) filters, and a common voltage reference, to
analog ground. Connect the ground reference of the power
components, such as input and output capacitors, and external
MOSFETs to power ground. Use internal ground planes to connect
the analog ground plane and the power ground plane together.
In addition, connect the exposed pad of the ADP2450 to a large,
external copper ground plane to maximize the power
dissipation capability and minimize junction temperature.
SWITCH NODE
The switch node is the noisiest location in the switch power
supply circuit with large ac and dc voltages and currents. The
following two switch nodes are in the ADP2450 circuit: the
external MOSFET drain of the boost shunt controller and the
SW pin of the buck regulator. These nodes must be wide to
prevent the resistive voltage from dropping. To minimize the
generation of capacitively coupled noise, the total area of each
switch node must be small.
For the boost shunt controller, place the bridge rectifiers, the
MOSFET, the rectifier diode, and the output capacitors as close
as possible to each other, and use wide short traces or copper
planes. Ensure that the high current loop traces are as short and
as wide as possible.
For the buck regulator, place the input capacitor, the inductor,
and the output capacitor as close as possible to the IC, and use
short traces. Make the high current path from the input
capacitor through the inductor, the output capacitor, and the
power ground plane back to the input capacitor as short as
possible. In addition, ensure that the high current path from the
power ground plane through the inductor and output capacitor
back to the power ground plane is as short as possible by tying
the ADP2450 PGND2 pin to the power ground plane as close as
possible to the input and output capacitors.
FEEDBACK PATHS
The feedback traces of FB1 and FB2 are very sensitive to noise.
Place the feedback resistor divider networks as close as possible
to the FBx pins to prevent noise pickup. Minimize the length of
the feedback traces that connect the top of the feedback resistor
dividers to the output while keeping these traces away from the
high current traces and the switching nodes to avoid noise
pickup. To further reduce noise pickup, place an analog ground
plane on either side of the FBx traces and ensure that the traces
are as short as possible to reduce the parasitic capacitance pickup.
POWER TRACES
In the ADP2450 circuit design, the output of the boost shunt
controller, VOUT1, is connected to the input of buck regulator.
The output of buck regulator, VOUT2, is connected to the AVDD
providing power to the internal PGAs. These two traces are
power traces and may carry high currents. Use internal power
planes for the power trace connections and keep these power
traces as short and wide as possible to minimize the voltage
drops on them under high current situations.
SIGNAL PATHS
The input and output of all the amplifiers, the common voltage
input, the TRG trace, and the VTRP signals are all signal paths.
Keep these signal paths away from switch nodes and high
current paths to avoid noise pickup. Connect the ground
reference of these signal paths to the analog ground plane using
short and wide traces.
GATE DRIVER PATHS
The gate drive traces, DRV and GATE, of external MOSFETs
handle high dI/dt and tend to produce noise and ringing. The
gate drive traces must be as short and direct as possible. Avoid
using feedthrough vias in the gate drive traces. If vias are
needed, it is recommended to use two relatively large ones in
parallel to reduce the peak current density and the current in
each via. If the overall PCB layout is less than optimal, slowing
down the gate drive slightly can help reduce noise and ringing.
It may be helpful to place small value resistors, between 2 Ω and
10 Ω, on the DRV and GATE pins. These locations can be
populated with 0 Ω resistors if resistance is not needed. Note
that the added gate resistance increases the switching rise and
fall times, as well as switching power loss in the MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com