Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2450ACPZ-1-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2450ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Power Management IC for
Circuit Breaker Applications
Data Sheet
ADP2450
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Boost shunt controller
Adjustable output voltage range: 4.5 V to 36 V
Integrated boost shunt driver
Programmable power detection threshold
Buck regulator
Input voltage range: 4.5 V to 36 V
Continuous output current: 500 mA
Adjustable output voltage down to 0.6 V
Fixed output options: 3.3 V and 5 V
1.2 MHz fixed switching frequency
Voltage monitoring and open-drain reset output
4 programmable gain amplifiers
Low power consumption
Programmable gain and output dc common voltage
Low offset operation amplifier for leakage and grounding
fault current detection
Analog trip circuit with programmable trip threshold
Actuator driver output
APPLICATIONS
Low voltage circuit breaker
CT powered supply
TYPICAL APPLICATION CIRCUIT
COUT1
VOUT1
CIN2
VOUT1
ADP2450
DIODE
BOOST
SHUNT
CONTROL
ACTUATOR
DRIVER
GAIN
SELECTION
ANALOG
TRIP
BUCK
REGULATOR
VOUT2
L
COUT2
VCORE
MCU
ADCs
GPIO2
GPIO1
ACTUATOR
CT CURRENT
PGAs
CBST
SENSED
VOLTAGE
RGAIN
RTRP
Figure 1.
GENERAL DESCRIPTION
The ADP2450 integrates one boost shunt controller with power
detection, one high efficiency buck regulator, four low offset,
low power consumption programmable gain amplifiers (PGAs),
one low offset operation amplifier, a fast analog trip circuit, and
an actuator driver. The ADP2450 is targeted for low voltage
circuit breakers, such as the molded case circuit breaker (MCCB),
and current transformer (CT) powered supply applications.
The boost output voltage can be up to 36 V and integrates a power
detection circuit that prevents the circuit from power hiccups.
The power detection threshold is programmable with resistors.
The buck regulator operates over a wide input voltage range of
4.5 V to 36 V, and the output voltage can be adjusted down to
0.6 V. The buck regulator provides output currents of up to
500 mA. The buck regulator works in pulse-width modulation
(PWM) mode with a fixed 1.2 MHz switching frequency,
providing low output ripple voltage to the system.
The output voltage of the buck regulator is monitored by the
supervisory circuit. When the output voltage is below the
monitoring threshold, 88% of VFB2 (FB2 regulation voltage), the
reset signal is pulled low and can be used to reset the
microprocessor. The monitoring supervisory circuit makes the
system more reliable.
The ADP2450 integrates four low offset, low power consumption
amplifiers. With the programmable gain features, the ADP2450
provides accuracy measurement over a wide current input range
based on the CT turn ratio.
A low offset operation amplifier is integrated in the ADP2450
for leakage current detection.
The ADP2450 also integrates an analog trip circuit, which
provides fast trip response and enhances system reliability.
Additional protection includes buck overcurrent protection
(OCP) and system thermal shutdown (TSD).
The ADP2450 operates over the −40°C to +125°C junction
temperature range and is available in either a 32-lead LFCSP
package or a 48-lead LQFP package.


Similar Part No. - ADP2450ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2450 AD-ADP2450 Datasheet
1Mb / 39P
Power Management IC for Circuit Breaker Applications
4/2019-Rev. 0 to Rev. A
More results

Similar Description - ADP2450ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
174Kb / 10P
High-Voltage Power-Management IC for Automotive Applications
logo
Analog Devices
ADP2450 AD-ADP2450 Datasheet
1Mb / 39P
Power Management IC for Circuit Breaker Applications
4/2019-Rev. 0 to Rev. A
logo
NXP Semiconductors
PCA9420 NXP-PCA9420 Datasheet
1Mb / 82P
Power management IC for low-power microcontroller applications
Rev. 2-26 January 2021
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V01 Datasheet
1Mb / 87P
Power management IC for low-power microcontroller applications
Rev. 4.0 - 28 November 2022
logo
Renesas Technology Corp
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
General-Purpose Power Management IC for Automotive Applications
May 23, 2022
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V02 Datasheet
1Mb / 84P
Power management IC for low-power microcontroller applications
Rev. 4.1 - 30 May 2023
PCA9420 NXP-PCA9420_V03 Datasheet
1Mb / 85P
Power management IC for low-power microcontroller applications
Rev. 4.2 - 26 July 2023
PCA9421 NXP-PCA9421 Datasheet
856Kb / 66P
Power management IC for low-power microcontroller applications
Rev. 1.0 - 16 October 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com